Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LA15QS400-4 Datasheet(PDF) 1 Page - Littelfuse |
|
LA15QS400-4 Datasheet(HTML) 1 Page - Littelfuse |
1 / 2 page Special Purpose Fuses 88 w w w . l i t t e l f u s e . c o m © 2005 Littelfuse • POWR-GARD™ Products Catalog LA15QS Semiconductor Fuses 150 VAC • Very Fast Acting • 1 – 6000 Amperes Specifications Voltage Rating: AC: 150 volts DC: 150 volts Interrupting Rating: 100,000 Amperes Ampere Range: 1 – 6000 Amperes Approvals: UL Recognized under the components program. LA 15 QS 400 -4 TI Style Littelfuse Ampere Rating Mounting Type Voltage (150) Integral Blown- Fuse Indicator Ferrule 1 Ferrule, midget dim. 2 Blades/Bolt-in 4 Hockey Puck, bolt-in 128 Trigger Indicator TI Trigger Actuator IL Contact Littelfuse for characteristic curves. Note: Mounting types and integral blown fuse indicators are optional for specified ratings. Littelfuse LA15QS series Semiconductor fuses were designed for the specific protection of diodes and other semiconductor devices rated 150VAC/DC. The LA15QS product line compact design is perfect for those applications that have limitations on available space. Features • Low I2t minimizes damage to protected components on short-circuit. • Controlled arc voltage reduces stress to circuit components during fuse clearing. • Choice of mounting types provides options for unique termination requirements. • Indicator options allow identification of blown fuses. Applications Protection of heavy duty devices such as electromechanical rectifiers. Ordering Information |
Número de pieza similar - LA15QS400-4 |
|
Descripción similar - LA15QS400-4 |