Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK762R0-40C Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza BUK762R0-40C
Descripción Electrónicos  N-channel TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK762R0-40C Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK762R0-40C Datasheet HTML 1Page - NXP Semiconductors BUK762R0-40C Datasheet HTML 2Page - NXP Semiconductors BUK762R0-40C Datasheet HTML 3Page - NXP Semiconductors BUK762R0-40C Datasheet HTML 4Page - NXP Semiconductors BUK762R0-40C Datasheet HTML 5Page - NXP Semiconductors BUK762R0-40C Datasheet HTML 6Page - NXP Semiconductors BUK762R0-40C Datasheet HTML 7Page - NXP Semiconductors BUK762R0-40C Datasheet HTML 8Page - NXP Semiconductors BUK762R0-40C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Standard level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using Philips Ultra High-Performance Automotive (UHP) TrenchMOS technology.
This product has been designed and qualified to the appropriate AEC standard for use in
Automotive critical applications.
1.2 Features
1.3 Applications
1.4 Quick reference data
[1]
Continuous current is limited by package.
[2]
Refer to document 9397 750 12572 for further information.
BUK762R0-40C
N-channel TrenchMOS standard level FET
Rev. 02 — 20 August 2007
Product data sheet
175
°C rated
Low on-state resistance
Q101 compliant
Standard level compatible
12 V loads
Automotive systems
General purpose power switching
Motors, lamps, solenoids
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ID
drain current
VGS =10 V; Tmb =25 °C;
see Figure 1 and 4
[1][2] --
100
A
Ptot
total power dissipation
Tmb =25 °C; see Figure 2
--
333
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS =10 V; ID =25A;
Tj =25 °C; see Figure 13 and
12
-1.7
2
m
Ω
Avalanche ruggedness
EDS(AL)S non-repetitive
drain-source avalanche
energy
ID =100 A; Vsup ≤ 40 V;
RGS =50 Ω; VGS =10 V;
Tj(init) =25 °C; inductive load
type unclamped inductive load
--
1.2
J


Número de pieza similar - BUK762R0-40C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
BUK762R0-40C NEXPERIA-BUK762R0-40C Datasheet
754Kb / 15P
   N-channel TrenchMOS standard level FET
Rev. 02 - 20 August 2007
logo
NXP Semiconductors
BUK762R0-40C PHILIPS-BUK762R0-40C_15 Datasheet
213Kb / 15P
   N-channel TrenchMOS standard level FET
Rev. 02-20 August 2007
More results

Descripción similar - BUK762R0-40C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com