Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMA199E Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza KMA199E
Descripción Electrónicos  Programmable angle sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA199E Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button KMA199E Datasheet HTML 5Page - NXP Semiconductors KMA199E Datasheet HTML 6Page - NXP Semiconductors KMA199E Datasheet HTML 7Page - NXP Semiconductors KMA199E Datasheet HTML 8Page - NXP Semiconductors KMA199E Datasheet HTML 9Page - NXP Semiconductors KMA199E Datasheet HTML 10Page - NXP Semiconductors KMA199E Datasheet HTML 11Page - NXP Semiconductors KMA199E Datasheet HTML 12Page - NXP Semiconductors KMA199E Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
KMA199E_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 18 October 2007
9 of 31
NXP Semiconductors
KMA199E
Programmable angle sensor
11. Characteristics
[1]
Normal operation mode.
[2]
Without load current at the analog output.
Table 9.
Supply current
Characteristics are valid for the operating conditions, as specified in Section 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
supply current
[1][2] -
-
10
mA
Table 10.
Power-on reset
Characteristics are valid for the operating conditions, as specified in Section 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vth(on)
switch-on threshold
voltage
analog output switches on, if
VDD >Vth(on)
4.20
4.30
4.49
V
Vth(off)
switch-off threshold
voltage
analog output switches off, if
VDD <Vth(off)
-
4.20
4.30
V
Vhys
hysteresis voltage
Vhys =Vth(on) − Vth(off)
0.1
-
0.4
V
VPOR
power-on reset voltage
IC is initialized
2.4
-
3.3
V
Table 11.
System performance
Characteristics are valid for the operating conditions, as specified in Section 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
αres
angle resolution
[1] -
-
0.04
deg
αmax
maximum angle
programmable angular range
for V(CL)u − V(CL)l ≥ 80 %VDD
[2] 5
-
180
deg
αref
reference angle
programmable zero angle
[2] 0
-
180
deg
VO(nom)
nominal output voltage
at full supply operating range
5
-
95
%VDD
VO(udr)
upper diagnostic range
output voltage
[3] 96
-
100
%VDD
VO(ldr)
lower diagnostic range
output voltage
[3] 0-
4%VDD
V(CL)u
upper clamping voltage
[4] 40
-
95
%VDD
V(CL)l
lower clamping voltage
[4] 5
-
30.5
%VDD
∆V(CL)
clamping voltage variation
deviation from programmed
value
−0.3
-
+0.3
%VDD
IO
output current
normal operation mode;
operating as sink or source
--
2
mA
Vn(o)(RMS)
RMS output noise voltage
equivalent power noise
[5] -
0.4
2.5
mV
∆φlin
linearity error
[5][6]
−1.55
-
+1.55
deg
∆φtemp
temperature drift error
[1][5][6]
[7][8]
-
-
0.8
deg
∆φtempRT
temperature drift error at
room temperature
[6][7][8] -
-
0.55
deg


Número de pieza similar - KMA199E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
KMA199 NXP-KMA199 Datasheet
595Kb / 36P
   Programmable angle sensor
Rev. 01-26 April 2010
More results

Descripción similar - KMA199E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
   Programmable angle sensor
Rev. 05-16 August 2005
KMA221 NXP-KMA221 Datasheet
566Kb / 36P
   Programmable angle sensor
Rev. 1-16 July 2013
KMA199 NXP-KMA199 Datasheet
595Kb / 36P
   Programmable angle sensor
Rev. 01-26 April 2010
KMA200 NXP-KMA200 Datasheet
163Kb / 32P
   Programmable angle sensor
Rev. 07-18 July 2008
KMA210-115 NXP-KMA210-115 Datasheet
591Kb / 37P
   Programmable angle sensor
Rev. 2-7 December 2011
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
   Programmable angle sensor
Rev. 8-7 December 2011
logo
Micronas
HAL3625 MICRONAS-HAL3625 Datasheet
215Kb / 2P
   Programmable Direct Angle Sensor
logo
NXP Semiconductors
KMA310 NXP-KMA310 Datasheet
888Kb / 71P
   Programmable angle sensor IC
Rev. 3-27 February 2019
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
   Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA321 NXP-KMA321_V01 Datasheet
1Mb / 71P
   Programmable angle sensor IC
Rev. 6 ??18 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com