Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8954AL25 Datasheet(PDF) 1 Page - SyncMOS Technologies,Inc

No. de pieza SM8954AL25
Descripción Electrónicos  8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNCMOS [SyncMOS Technologies,Inc]
Página de inicio  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8954AL25 Datasheet(HTML) 1 Page - SyncMOS Technologies,Inc

  SM8954AL25 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM8954AL25 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM8954AL25 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM8954AL25 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8954AL25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8954AL25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8954AL25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8954AL25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8954AL25 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SyncMOS Technologies International, Inc.
SM8954A
8-Bits Micro-controller
With 16KB flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM8954A 08/2006
1
Product List
SM8954AL25, 25MHz 16KB internal flash MCU
SM8954AC25, 25MHz 16KB internal flash MCU
SM8954AC40, 40MHz 16KB internal flash MCU
Description
The SM8954A series product is an 8 - bit single chip
micro controller with 16KB on-chip flash and 1K byte
RAM embedded. It is a derivative of the 8052 micro
controller family. It has 5-channel SPWM build-in.
With its hardware features and powerful instruction set,
it’s straight forward to make it a versatile and cost
effective controller for those applications which
demand up to 16 I/O pins for PDIP package or up to 36
I/O pins for PLCC/QFP package, or applications which
need up to 16K byte flash memory for program data.
To program the on-chip flash memory, a commercial
writer is available to do it in parallel programming
method.
Ordering Information
yymmv
SM8954AihhkL
yy: year, ww: month
v: version identifier{ , A, B,…}
i: process identifier {L=3.0V~3.6V,C=4.5V~ 5.5V}
hh: working clock in MHz {25, 40}
k: package type postfix {as below table}
L:PB Free identifier
{No text is Non-PB Free,”P”is PB Free}
Postfix
Package
Pin / Pad
Configuration
Dimension
P
40L PDIP
Page 2
Page 20
J
44L PLCC
Page 2
Page 21
Q
44L QFP
Page 2
Page 22
Features
Working Voltage: 3.0V ~ 3.6V For L Version.
4.5V ~ 5.5V For C Version.
General 8052 family compatible
12 clocks per machine cycle
16K byte on chip program flash
1024 byte on-chip data RAM
Three 16 bit Timers/Counters
One Watch Dog Timer
Four 8-bit I/O ports for PDIP package
Four 8-bit I/O ports + one 4-bit I/O ports for
PLCC or QFP package
Full duplex serial channel
Bit operation instruction
Industrial Level
8-bit Unsigned Division
8-bit Unsigned Multiply
BCD arithmetic
Direct Addressing
Indirect Addressing
Nested Interrupt
Two priority level interrupt
A serial I/O port
Power save modes: Idle mode and Power
down mode
Code protection function
Low EMI (inhibit ALE)
5 channel SPWM function with P1.3 ~ P1.7
Taiwan
6F, No.10-2 Li- Hsin 1st Road ,
Science-based Industrial Park,
Hsinchu, Taiwan 30078
TEL: 886-3-567-1820
886-3-567-1880
FAX: 886-3-567-1891
886-3-567-1894


Número de pieza similar - SM8954AL25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM8954B SYNCMOS-SM8954B Datasheet
790Kb / 49P
   On-chip 768 bytes expanded RAM
More results

Descripción similar - SM8954AL25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com