Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CAHCT1G32QDBVRQ1 Datasheet(Hoja de datos) 4 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. CAHCT1G32QDBVRQ1
Descripción  SINGLE 2-INPUT POSITIVE-OR GATE
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

   
 4 page
background image
SN74AHCT1G32Q1
SINGLE 2INPUT POSITIVEOR GATE
SCLS606A − MARCH 2005 − MARCH 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
50% VCC
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
50% VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
S1 at VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open Drain
Open
VCC
GND
VCC
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
D. The outputs are measured one at a time, with one input transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT FOR
3-STATE AND OPEN-DRAIN OUTPUTS
S1
VCC
RL = 1 kΩ
GND
From Output
Under Test
CL
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH − 0.3 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SN74LVC1G32_07SINGLE 2-INPUT POSITIVE-OR GATE 1 2 3 4 5 MoreTexas Instruments
SN74ALVC32_07QUADRUPLE 2-INPUT POSITIVE-OR GATE 1 2 3 4 5 MoreTexas Instruments
NL17SV02XV5T2Single 2-Input NOR Gate 1 2 3 4 5 MoreON Semiconductor
SN74LVC1G08_07SINGLE 2-INPUT POSITIVE-AND GATE 1 2 3 4 5 MoreTexas Instruments
SN74AUC1G08_07SINGLE 2-INPUT POSITIVE-AND GATE 1 2 3 4 5 MoreTexas Instruments
SN74AHC1G08-Q1SINGLE 2-INPUT POSITIVE-AND GATE 1 2 3 4 5 MoreTexas Instruments
74V1G00_04SINGLE 2-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
74LCX38Low Voltage Quad 2-Input NAND Gate Open Drain with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
U74AHC1G082-INPUT AND GATE 1 2 3 4 5 Unisonic Technologies

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl