Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHCU04D Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74AHCU04D
Descripción Electrónicos  Hex inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCU04D Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHCU04D Datasheet HTML 1Page - NXP Semiconductors 74AHCU04D Datasheet HTML 2Page - NXP Semiconductors 74AHCU04D Datasheet HTML 3Page - NXP Semiconductors 74AHCU04D Datasheet HTML 4Page - NXP Semiconductors 74AHCU04D Datasheet HTML 5Page - NXP Semiconductors 74AHCU04D Datasheet HTML 6Page - NXP Semiconductors 74AHCU04D Datasheet HTML 7Page - NXP Semiconductors 74AHCU04D Datasheet HTML 8Page - NXP Semiconductors 74AHCU04D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74AHCU04_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 14 November 2007
2 of 14
NXP Semiconductors
74AHCU04
Hex inverter
4.
Functional diagram
5.
Pinning information
5.1 Pin description
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one inverter)
mna342
1A
1Y
1
2
2A
2Y
3
4
3A
3Y
5
6
4A
4Y
9
8
5A
5Y
11
10
6A
6Y
13
12
1
1
2
mna343
3
1
4
5
1
6
9
1
8
11
1
10
13
1
12
mna045
AY
(1) The die substrate is attached to the exposed die pad
using conductive die attach material. It can not be
used as a supply pin or input.
Fig 4.
Pin configuration SO14 and TSSOP14
Fig 5.
Pin configuration DHVQFN14
04
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aac441
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac442
04
GND(1)
Transparent top view
3Y
4A
3A
5Y
2Y
5A
2A
6Y
1Y
6A
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
1A
1
data input
1Y
2
data output
2A
3
data input
2Y
4
data output


Número de pieza similar - 74AHCU04D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHCU04D PHILIPS-74AHCU04D Datasheet
87Kb / 16P
   Hex inverter
1999 Sep 27
logo
Nexperia B.V. All right...
74AHCU04D NEXPERIA-74AHCU04D Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
74AHCU04D-Q100 NEXPERIA-74AHCU04D-Q100 Datasheet
752Kb / 15P
   Hex unbuffered inverter
More results

Descripción similar - 74AHCU04D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com