Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74AHCU04PW Datasheet(PDF) 10 Page - NXP Semiconductors |
|
74AHCU04PW Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 14 page 74AHCU04_3 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 — 14 November 2007 10 of 14 NXP Semiconductors 74AHCU04 Hex inverter Fig 16. Package outline SOT402-1 (TSSOP14) UNIT A1 A2 A3 bp cD (1) E (2) (1) eHE LLp QZ y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.72 0.38 8 0 o o 0.13 0.1 0.2 1 DIMENSIONS (mm are the original dimensions) Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 SOT402-1 MO-153 99-12-27 03-02-18 w M b p D Z e 0.25 17 14 8 θ A A1 A2 L p Q detail X L (A ) 3 HE E c v M A X A y 0 2.5 5 mm scale TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT402-1 A max. 1.1 pin 1 index |
Número de pieza similar - 74AHCU04PW |
|
Descripción similar - 74AHCU04PW |