Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA201W-600E Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza BTA201W-600E
Descripción Electrónicos  1 A Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA201W-600E Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BTA201W-600E Datasheet HTML 5Page - NXP Semiconductors BTA201W-600E Datasheet HTML 6Page - NXP Semiconductors BTA201W-600E Datasheet HTML 7Page - NXP Semiconductors BTA201W-600E Datasheet HTML 8Page - NXP Semiconductors BTA201W-600E Datasheet HTML 9Page - NXP Semiconductors BTA201W-600E Datasheet HTML 10Page - NXP Semiconductors BTA201W-600E Datasheet HTML 11Page - NXP Semiconductors BTA201W-600E Datasheet HTML 12Page - NXP Semiconductors BTA201W-600E Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BTA201W_SER_E_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 September 2007
11 of 13
NXP Semiconductors
BTA201W series E
1 A Three-quadrant triacs high commutation
10. Revision history
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BTA201W_SER_E_2
20070917
Product data sheet
-
BTA201W_SER_E_1
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
Descriptive titles have been corrected.
• Table 3 “Limiting values” on page 2: dIT/dt uprated
• Table 6 “Dynamic characteristics” on page 7: dVD/dt uprated
• Figure 12 “Critical rate of rise of off-state voltage as a function of junction temperature;
minimum values” on page 8: graph updated
BTA201W_SER_E_1
20060207
Product data sheet
-
-


Número de pieza similar - BTA201W-600E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA201W-600E NXP-BTA201W-600E Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
WeEn Semiconductors
BTA201W-600E WEEN-BTA201W-600E Datasheet
225Kb / 16P
   3Q Hi-Com Triac
More results

Descripción similar - BTA201W-600E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com