Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTA412Y Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BTA412Y
Descripción Electrónicos  12 A Three-quadrant triacs, insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA412Y Datasheet(HTML) 2 Page - NXP Semiconductors

  BTA412Y Datasheet HTML 1Page - NXP Semiconductors BTA412Y Datasheet HTML 2Page - NXP Semiconductors BTA412Y Datasheet HTML 3Page - NXP Semiconductors BTA412Y Datasheet HTML 4Page - NXP Semiconductors BTA412Y Datasheet HTML 5Page - NXP Semiconductors BTA412Y Datasheet HTML 6Page - NXP Semiconductors BTA412Y Datasheet HTML 7Page - NXP Semiconductors BTA412Y Datasheet HTML 8Page - NXP Semiconductors BTA412Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BTA412Y_SER_B_C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 October 2007
2 of 12
NXP Semiconductors
BTA412Y series B and C
12 A 3-quadrant triacs, insulated, high commutation, high temperature
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
main terminal 1 (T1)
SOT78D (TO-220)
2
main terminal 2 (T2)
3
gate (G)
mb
mounting base; isolated
12
mb
3
sym051
T1
G
T2
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BTA412Y-600B
TO-220
plastic single-ended package; isolated heatsink mounted; 1 mounting hole;
3-lead TO-220
SOT78D
BTA412Y-600C
BTA412Y-800B
BTA412Y-800C
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
BTA412Y-600B; BTA412Y-600C
[1] -
600
V
BTA412Y-800B; BTA412Y-800C
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tmb ≤ 116 °C; see
Figure 4 and 5
-12
A
ITSM
non-repetitive peak on-state current
full sine wave; Tj =25 °C prior to
surge; see Figure 2 and 3
t = 20 ms
-
140
A
t = 16.7 ms
-
153
A
I2tI2t for fusing
t = 10 ms
-
98
A2s
dIT/dt
rate of rise of on-state current
ITM = 20 A; IG = 0.2 A;
dIG/dt = 0.2 A/µs
-
100
A/
µs
IGM
peak gate current
-
2
A
PGM
peak gate power
-
5
W


Número de pieza similar - BTA412Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
WeEn Semiconductors
BTA412Y-600B WEEN-BTA412Y-600B Datasheet
405Kb / 12P
   3Q Triac
logo
NXP Semiconductors
BTA412Y-600C NXP-BTA412Y-600C Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
WeEn Semiconductors
BTA412Y-600C WEEN-BTA412Y-600C Datasheet
480Kb / 12P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA412Y-600ET ISC-BTA412Y-600ET Datasheet
173Kb / 1P
   isc Thyristors
More results

Descripción similar - BTA412Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312B NXP-BTA312B_1 Datasheet
87Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01-11 April 2007
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com