Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7Y13-40B Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza BUK7Y13-40B
Descripción Electrónicos  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7Y13-40B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUK7Y13-40B Datasheet HTML 4Page - NXP Semiconductors BUK7Y13-40B Datasheet HTML 5Page - NXP Semiconductors BUK7Y13-40B Datasheet HTML 6Page - NXP Semiconductors BUK7Y13-40B Datasheet HTML 7Page - NXP Semiconductors BUK7Y13-40B Datasheet HTML 8Page - NXP Semiconductors BUK7Y13-40B Datasheet HTML 9Page - NXP Semiconductors BUK7Y13-40B Datasheet HTML 10Page - NXP Semiconductors BUK7Y13-40B Datasheet HTML 11Page - NXP Semiconductors BUK7Y13-40B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BUK7Y13-40B_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 2 October 2007
9 of 12
NXP Semiconductors
BUK7Y13-40B
N-channel TrenchMOS standard level FET
7.
Package outline
Fig 17. Package outline SOT669 (LFPAK)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT669
MO-235
04-10-13
06-03-16
0
2.5
5 mm
scale
e
E1
b
c2
A2
A2
bc
A
e
UNIT
DIMENSIONS (mm are the original dimensions)
mm
1.10
0.95
A3
A1
0.15
0.00
1.20
1.01
0.50
0.35
b2
4.41
3.62
b3
2.2
2.0
b4
0.9
0.7
0.25
0.19
c2
0.30
0.24
4.10
3.80
6.2
5.8
H
1.3
0.8
L2
0.85
0.40
L
1.3
0.8
L1
8
°
0
°
wy
D(1)
5.0
4.8
E(1)
3.3
3.1
E1
(1)
D1
(1)
max
0.25
4.20
1.27
0.25
0.1
1
23
4
mounting
base
D1
c
Plastic single-ended surface-mounted package (LFPAK); 4 leads
SOT669
E
b2
b3
b4
H
D
L2
L1
A
A
w M
C
C
X
1/2
e
yC
θ
θ
(A )
3
L
A
A1
detail X
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.


Número de pieza similar - BUK7Y13-40B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7Y13-40B NXP-BUK7Y13-40B Datasheet
198Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-26 May 2008
logo
Nexperia B.V. All right...
BUK7Y13-40B NEXPERIA-BUK7Y13-40B Datasheet
741Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03 - 26 May 2008
logo
NXP Semiconductors
BUK7Y13-40B NXP-BUK7Y13-40B_08 Datasheet
198Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-26 May 2008
BUK7Y13-40B PHILIPS-BUK7Y13-40B_15 Datasheet
198Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-26 May 2008
More results

Descripción similar - BUK7Y13-40B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com