Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX6316 Datasheet(PDF) 4 Page - Maxim Integrated Products

No. de Pieza. MAX6316
Descripción  5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX6316 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
2
1
4
3
8
7
6
5
10
9
-40
0
20
-20
406080
100
MAX6316/MAX6317/MAX6318/MAX6320/MAX6321
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5V
VCC = 3V
VCC = 1V
0
30
20
10
50
40
90
80
70
60
100
-40
-20
0
20
40
60
80
100
VCC FALLING TO RESET PROPAGATION
DELAY vs. TEMPERATURE
TEMPERATURE (°C)
VCC FALLING AT 1mV/μs
VRST - VCC = 100mV
140
180
160
240
220
200
300
280
260
320
-40
0
20
-20
40
60
80
100
MAX6316/MAX6317/MAX6319/MAX6320/MAX6322
MANUAL RESET TO RESET
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5V
0.95
0.98
0.97
0.96
1.00
0.99
1.04
1.03
1.02
1.01
1.05
-40
-20
0
20406080
100
NORMALIZED RESET TIMEOUT
PERIOD vs. TEMPERATURE
TEMPERATURE (°C)
0.95
0.98
0.97
0.96
1.00
0.99
1.04
1.03
1.02
1.01
1.05
-40
-20
0
20
40
60
80
100
MAX6316/MAX6317/MAX6318/MAX6320/MAX6321
NORMALIZED WATCHDOG TIMEOUT
PERIOD vs. TEMPERATURE
TEMPERATURE (°C)
80
0
10
100
1000
MAXIMUM VCC TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
20
10
RESET THRESHOLD OVERDRIVE (mV) VRST - VCC
30
50
60
40
70
VRST = 3.3V
VRST = 4.63V
VRST = 2.63V
RESET OCCURS ABOVE LINES
PASSIVE
4.7kΩ
PULLUP
2V/div
RESET, ACTIVE
PULLUP
2V/div
RESET
INPUT
5V/div
200ns/div
MAX6316M/6318MH/6319MH
BIDIRECTIONAL
PULLUP CHARACTERISTICS
MAX6316toc07
100pF
4.7kΩ
+5V
74HC05
74HC05
VCC
GND
MR
100pF
INPUT
INPUT
+5V
RESET


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn