Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MAX6316 Datasheet(PDF) 6 Page - Maxim Integrated Products

No. de Pieza. MAX6316
Descripción  5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MAXIM [Maxim Integrated Products]
Página de inicio  http://www.maxim-ic.com
Logo 

MAX6316 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
6
_______________________________________________________________________________________
_______________Detailed Description
A microprocessor’s (µP) reset input starts or restarts the
µP in a known state. The reset output of the MAX6316–
MAX6322 µP supervisory circuits interfaces with the
reset input of the µP, preventing code-execution errors
during power-up, power-down, and brownout condi-
tions (see the Typical Operating Circuit). The MAX6316/
MAX6317/MAX6318/MAX6320/MAX6321 are also capa-
ble of asserting a reset should the µP become stuck in
an infinite loop.
Reset Output
The MAX6316L/MAX6318LH/MAX6319LH feature an
active-low reset output, while the MAX6317H/
MAX6318_H/MAX6319_H/MAX6321HP/MAX6322HP
feature an active-high reset output. RESET is guaran-
teed to be a logic low and RESET is guaranteed to be a
logic high for VCC down to 1V.
The MAX6316–MAX6322 assert reset when VCC is below
the reset threshold (VRST), when MR is pulled low
(MAX6316_/MAX6317H/MAX6319_H/MAX6320P/
MAX6322HP only), or if the WDI pin is not serviced within
the watchdog timeout period (tWD). Reset remains assert-
ed for the specified reset active timeout period (tRP) after
VCC rises above the reset threshold, after MR transitions
low to high, or after the watchdog timer asserts the reset
(MAX6316_/MAX6317H/MAX6318_H/MAX6320P/
MAX6321HP). After the reset active timeout period (tRP)
expires, the reset output deasserts, and the watchdog
timer restarts from zero (Figure 2).
MAX6316–MAX6322
VCC
VCC
WDI
(ALL EXCEPT
MAX6319/MAX6322)
1.23V
52kΩ
52kΩ
GND
RESET
(ALL EXCEPT
MAX6316/MAX6320P)
RESET
(ALL EXCEPT MAX6317)
MR
(ALL EXCEPT
MAX6318/MAX6321)
RESET
GENERATOR
WATCHDOG
TIMER
WATCHDOG
TRANSITION
DETECTOR
Figure 1. Functional Diagram
VCC
1V
1V
tRD
VRST
VRST
tRD
RESET
GND
RESET
tRP
tRP
GND
Figure 2. Reset Timing Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn