Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6727MPBF Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF6727MPBF
Descripción Electrónicos  DirectFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6727MPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF6727MPBF Datasheet HTML 1Page - International Rectifier IRF6727MPBF Datasheet HTML 2Page - International Rectifier IRF6727MPBF Datasheet HTML 3Page - International Rectifier IRF6727MPBF Datasheet HTML 4Page - International Rectifier IRF6727MPBF Datasheet HTML 5Page - International Rectifier IRF6727MPBF Datasheet HTML 6Page - International Rectifier IRF6727MPBF Datasheet HTML 7Page - International Rectifier IRF6727MPBF Datasheet HTML 8Page - International Rectifier IRF6727MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF6727MPbF
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance vs.
Drain Current and Gate Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
≤60µs PULSE WIDTH
Tj = 25°C
2.3V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.3V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
5.0V
4.5V
3.5V
3.0V
2.7V
2.5V
BOTTOM
2.3V
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 15V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 32A
VGS = 10V
VGS = 4.5V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
50
100
150
200
250
ID, Drain Current (A)
0
1
2
3
4
5
6
7
TJ = 25°C
Vgs = 3.5V
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.0V
Vgs = 8.0V
Vgs = 10V


Número de pieza similar - IRF6727MPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6727MPBF IRF-IRF6727MPBF Datasheet
264Kb / 9P
   DirectFET Power MOSFET
IRF6727MPBF IRF-IRF6727MPBF Datasheet
264Kb / 9P
   RoHS Compliant and Halogen Free
IRF6727MPBF IRF-IRF6727MPBF_09 Datasheet
264Kb / 9P
   DirectFET Power MOSFET
IRF6727MPBF IRF-IRF6727MPBF_15 Datasheet
264Kb / 9P
   RoHS Compliant and Halogen Free
More results

Descripción similar - IRF6727MPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com