Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS8519IRHBR Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza ADS8519IRHBR
Descripción Electrónicos  16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS8519IRHBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8519IRHBR Datasheet HTML 2Page - Texas Instruments ADS8519IRHBR Datasheet HTML 3Page - Texas Instruments ADS8519IRHBR Datasheet HTML 4Page - Texas Instruments ADS8519IRHBR Datasheet HTML 5Page - Texas Instruments ADS8519IRHBR Datasheet HTML 6Page - Texas Instruments ADS8519IRHBR Datasheet HTML 7Page - Texas Instruments ADS8519IRHBR Datasheet HTML 8Page - Texas Instruments ADS8519IRHBR Datasheet HTML 9Page - Texas Instruments ADS8519IRHBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
ADS8519
SLAS462 – JUNE 2007
Terminal Functions
TERMINAL
DESCRIPTION
NAME
SSOP
QFN NO.
I/O
NO.
AGND1
2
30
Analog ground. Used internally as ground reference point. Minimal current flow.
AGND2
9
6
Analog ground
BUSY
25
25
O
Busy output. Falls when a conversion is started, and remains low until the conversion is completed
and the data is latched into the output shift register.
CS
24
22
Chip select. Internally ORed with R/C.
CAP
6
3
DATA
17
15
O
Serial data output. Data is synchronized to DATACLK, with the format determined by the level of
SB/BTC. In the external clock mode, after 16 bits of data, the ADS8519 outputs the level input on
TAG as long as CS is low and R/C is high (see Figure 8 and Figure 9). If EXT/INT is low, data is
valid on both the rising and falling edges of DATACLK, and between conversions DATA stays at
the level of the TAG input when the conversion was started.
DATACLK
16
14
I/O
Either an input or an output depending on the EXT/INT level. Output data is synchronized to this
clock. If EXT/INT is low, DATACLK transmits 16 pulses after each conversion, and then remains
low between conversions.
DGND
14
12
Digital ground
EXT/INT
13
11
Selects external or internal clock for transmitting data. If high, data is output synchronized to the
clock input on DATACLK. If low, a convert command initiates the transmission of the data from the
previous conversion, along with 16-clock pulses output on DATACLK.
NC
5, 8, 10, 1, 2, 5, 7,
No connect
11, 18,
8, 9, 16,
20, 22,
17, 19,
23
21, 23,
24
PWRD
26
26
I
Power down input. If high, conversions are inhibited and power consumption is significantly
reduced. Results from the previous conversion are maintained in the output shift register.
R/C
21
20
I
Read/convert input. With CS low, a falling edge on R/C puts the internal sample-and-hold into the
hold state and starts a conversion. When EXT/INT is low, this also initiates the transmission of the
data results from the previous conversion. If EXT/INT is high, a rising edge on R/C with CS low, or
a falling edge on CS with R/C high, transmits a pulse on SYNC and initiates the transmission of
data from the previous conversion.
REF
7
4
I/O
Reference input/output. Outputs internal 4.096-V reference. Can also be driven by external system
reference. In both cases, bypass to ground with a 2.2-
μF tantalum capacitor.
R1IN
1
29
I
Analog input. See Table 3 for input range connections.
R2IN
3
31
I
Analog input. See Table 3 for input range connections.
R3IN
4
32
I
Analog input. See Table 3 for input range connections.
SB/BTC
12
10
O
Select straight binary or binary 2's complement data output format. If high, data is output in a
straight binary format. If low, data is output in a binary 2's complement format.
SYNC
15
13
O
Sync output. This pin is used to supply a data synchronization pulse when the EXT level is high
and at least one external clock pulse has occured when not in the read mode. See the external
clock modes desciptions.
TAG
19
18
I
Tag input for use in the external clock mode. If EXT is high, digital data input from TAG is output
on DATA with a delay that is dependent on the external clock mode. See Figure 8 and Figure 9.
VANA
27
28
I
Analog supply input. Nominally +5 V. Connect directly to pin 20, and decouple to ground with
0.1-
μF ceramic and 10-μF tantalum capacitors.
VDIG
28
27
I
Digital supply input. Connect directly to pin 19. Must be
≤ VANA.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
ADS8519


Número de pieza similar - ADS8519IRHBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8519I TI-ADS8519I Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IB TI-ADS8519IB Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI-ADS8519IBDB Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDB TI1-ADS8519IBDB Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519IBDBG4 TI-ADS8519IBDBG4 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS8519IRHBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com