Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM5006ANAS Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc |
|
SM5006ANAS Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc |
5 / 19 page SM5006 series SEIKO NPC CORPORATION —5 Recommended Operating Conditions SM5006 series (package form) VSS = 0V Parameter Symbol Series Condition Rating Unit min typ max Supply voltage VDD ANA, ANB, CNC, CND, DNC f ≤ 50MHz, CL = 50pF 4.5 – 5.5 V f ≤ 70MHz, CL = 15pF 4.5 – 5.5 f ≤ 40MHz, CL = 15pF 2.7 – 3.6 ANC, AND, BNC, CNE, DNE f ≤ 70MHz, CL = 50pF 4.5 – 5.5 V f ≤ 100MHz, CL = 15pF 4.5 – 5.5 f ≤ 50MHz, CL = 15pF 2.7 – 3.6 f ≤ 70MHz, CL = 15pF 3.0 – 3.6 ANE, ANF, BNE f ≤ 100MHz, CL = 15pF 4.5 – 5.5 V f ≤ 107MHz, CL = 15pF 4.5 – 5.5 f ≤ 50MHz, CL = 15pF 2.7 – 3.6 f ≤ 70MHz, CL = 15pF 3.0 – 3.6 AKA, AKB, AKC, CKD, DKC f ≤ 70MHz, CL = 15pF 4.5 – 5.5 V AKD, BKC f ≤ 70MHz, CL = 15pF 4.5 – 5.5 V AHA, AHB, AHC, AHD f ≤ 70MHz, CL = 15pF 4.5 – 5.5 V Input voltage VIN All series VSS –VDD V Operating temperature TOPR ANA, ANB, CNC, CND, DNC f ≤ 50MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 85 °C f ≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 0 – + 70 f ≤ 40MHz, CL = 15pF, 2.7 ≤ VDD ≤ 3.6 − 10 – + 70 ANC, AND, BNC, CNE, DNE f ≤ 50MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 80 °C f ≤ 70MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5 − 20 – + 80 f ≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 85 f ≤ 100MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 0 – + 70 f ≤ 50MHz, CL = 15pF, 2.7 ≤ VDD ≤ 3.6 − 20 – + 80 f ≤ 70MHz, CL = 15pF, 3.0 ≤ VDD ≤ 3.6 − 20 – + 80 ANE, ANF, BNE f ≤ 70MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5 − 20 – + 80 °C f ≤ 100MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 85 f ≤ 107MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 20 – + 80 f ≤ 50MHz, CL = 15pF, 2.7 ≤ VDD ≤ 3.6 − 20 – + 80 f ≤ 70MHz, CL = 15pF, 3.0 ≤ VDD ≤ 3.6 − 20 – + 80 AKA, AKB, AKC, CKD, DKC f ≤ 50MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 85 °C f ≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 0 – + 70 AKD, BKC f ≤ 50MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 85 °C f ≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 20 – + 80 AHA, AHB, AHC, AHD f ≤ 50MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 40 – + 85 °C f ≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5 − 15 – + 75 |
Número de pieza similar - SM5006ANAS |
|
Descripción similar - SM5006ANAS |