Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM5073D2S Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc |
|
SM5073D2S Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc |
4 / 14 page SM5073 series SEIKO NPC CORPORATION —4 ABSOLUTE MAXIMUM RATINGS VSS = 0V unless otherwise noted. RECOMMENDED OPERATING CONDITIONS VSS = 0V, f = 10MHz to 60MHz, CL ≤ 15pF unless otherwise noted. Parameter Symbol Conditions Rating Unit Supply voltage range VDD −0.5 to 7.0 V Input voltage range VIN All input pins excluding VC pin −0.5 to VDD + 0.5 V VC pin −0.5 to VDD + 2.51 1. It should not exceed + 7.0V. V Output voltage range VOUT −0.5 to VDD + 0.5 V Operating temperature range Topr −40 to +85 °C Storage temperature range TSTG −55 to +125 °C Output current IOUT 20 mA Power dissipation PD 500 mW Parameter Symbol Conditions Rating Unit Min Typ Max Operating supply voltage VDD 3.0 – 3.6 V Input voltage VIN VSS –VDD V Operating temperature TOPR –40 – +85 °C |
Número de pieza similar - SM5073D2S |
|
Descripción similar - SM5073D2S |