Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCZ33927EK Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

No. de pieza MCZ33927EK
Descripción Electrónicos  Three-Phase Field Effect Transistor Pre-Driver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33927EK Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33927EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33927EK Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33927
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CURRENT SENSE AMPLIFIER (CONTINUED)
Input Offset Current
IOS = IAMP_P - IAMP_N
IOS
-80
+80
nA
Input Offset Current Drift (24)
δI
OS/δT
40
pA/°C
Output Voltage
High-Level with RLOAD = 10 kΩ to VSS
Low-Level with RLOAD = 10 kΩ to VDD
VOH
VOL
VDD-0.2
VDD
0.2
V
Differential Input Resistance
RI
1.0
M
Output Short Circuit Current
ISC
5.0
mA
Common-Mode Input Capacitance at 10 kHz (24)(25)
CI
10
pF
Common-Mode Rejection Ratio at DC
CMRR = 20*Log ((VOUT_diff/VIN_diff) * (VIN_CM/VOUT_CM))
CMRR
60
80
dB
Large Signal Open Loop Voltage Gain (DC) (24)(25)
AOL
–60
dB
Gain Margin at Gain = 5.0 (24)(25)
AM
–5.0
dB
Nonlinearity (24)(25)
RL = 1k
Ω, C
L = 500pF, 0.3 < VO < 4.8V, Gain = 5.0 to 15
NL
-1.0
+1.0
%
Notes
24.
This parameter is a design characteristic, not production tested.
25.
Without considering any offsets such as input offset voltage, internal mismatch and assuming no tolerance error in external resistors.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 8.0V
≤ V
PWR =VBAT ≤ 40V, -40°C ≤ T
A ≤ 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Número de pieza similar - MCZ33927EK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MCZ33927EK/R2 FREESCALE-MCZ33927EK/R2 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
More results

Descripción similar - MCZ33927EK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
logo
Freescale Semiconductor...
MC33937 FREESCALE-MC33937 Datasheet
679Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
33937 FREESCALE-33937 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
MC34937 FREESCALE-MC34937 Datasheet
733Kb / 49P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
   Pre-regulated Three Phase Gate Driver
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
   Three-phase motor pre-driver for LBP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com