Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BZV58C10 Datasheet(PDF) 1 Page - Semikron International

No. de Pieza. BZV58C10
Descripción  Zener silicon diodes
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SEMIKRON [Semikron International]
Página de inicio  http://www.semikron.com
Logo 

BZV58C10 Datasheet(HTML) 1 Page - Semikron International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial lead diode
Zener silicon diodes
BZV58 C10...BZV58 C200 (5W)
Maximum Power
Dissipation: 5 W
Nominal Z-voltage: 10 to 200 V
Features
Mechanical Data
1)
2)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
BZV58 C10...BZV58 C200 (5W)
1
10-04-2006 SCT
© by SEMIKRON


Html Pages

1 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
ZMD1Surface mount diode Zener silicon diodes 1 Semikron International
2EZ11_04GLASS PASSIVATED JUNCTION SILICON ZENER DIODES 1 2 3 4 Pan Jit International Inc.
BZX84CSURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 5 Pan Jit International Inc.
BZX85CSILICON PLANAR ZENER DIODES 1 2 TRANSYS Electronics Limited
BZQ55C2V4TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES 1 2 Dc Components
3EZ6.8GLASS PASSIVATED JUNCTION SILICON ZENER DIODES 1 2 3 4 Pan Jit International Inc.
BZX584C2V4SURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 Pan Jit International Inc.
ZPD1_07Silicon Planar Zener Diodes 1 2 Diotec Semiconductor
3EZ11_04GLASS PASSIVATED JUNCTION SILICON ZENER DIODES 1 2 3 4 Pan Jit International Inc.
BZX784C2V4SURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 Pan Jit International Inc.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn