Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPCF8B01 Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TPCF8B01
Descripción Electrónicos  TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8B01 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCF8B01_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8B01_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8B01_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8B01_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8B01_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8B01_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8B01_07 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8B01_07 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8B01_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TPCF8B01
2006-11-16
4
MOSFET
Drain-source voltage
VDS (V)
ID – VDS
Drain-source voltage
VDS (V)
ID – VDS
Gate-source voltage
VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
0
0
−1
−2
−3
−4
−5
−2
−4
−6
−8
−10
VGS = −1.5 V
−1.8
−2
−2.5
−2.8
−3
−3.5
−4
−4.5
−5
Common source
Ta
= 25°C
Pulse test
0
0
−2
−4
−6
−8
−0.2
−0.4
−0.6
−0.8
−1.0
Common source
Ta
= 25°C
Pulse test
ID = −2.7 A
−1.4 A
−0.7 A
1
−0.1
−1
−10
10
100
Ta
= −55°C
Ta
= 100°C
Ta
= 25°C
Common source
VDS = −10 V
Pulse test
10
−0.1
−1
−10
100
1000
0
0
−0.2
−0.4
−0.6
−0.8
−1.0
−1
−2
−3
−4
−5
VGS = −1.5 V
−1.8
−2
−2.5
−2.8
−3
−3.5
−4
−4.5
−5
Common source
Ta
= 25°C
Pulse test
0
0
−0.5
−1.0
−1.5
−2.0
−2.5
−1
−2
−3
−4
−5
Ta
= −55°C
Ta
= 100°C
Ta
= 25°C
Common source
VDS = −10 V
Pulse test
VGS = −4.5 V
−2.5 V
−1.8 V
Common source
Ta
= 25°C
Pulse test


Número de pieza similar - TPCF8B01_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
   Notebook PC Applications Portable Equipment Applications
More results

Descripción similar - TPCF8B01_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCF8B01 TOSHIBA-TPCF8B01 Datasheet
81Kb / 4P
   TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
TPCP8J01 TOSHIBA-TPCP8J01_07 Datasheet
311Kb / 9P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
189Kb / 5P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPC6103 TOSHIBA-TPC6103 Datasheet
230Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
TPCP8101 TOSHIBA-TPCP8101 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101 Datasheet
187Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com