Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPCP8402 Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TPCP8402
Descripción Electrónicos  TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8402 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TPCP8402 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 8Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 9Page - Toshiba Semiconductor TPCP8402 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TPCP8402
2006-11-13
6
P-ch
Drain
−source voltage VDS (V)
Capacitance – VDS
-0.1
10
100
1000
10000
-1
-3 -5
-10
-30 -50 -100
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Ciss
Coss
Crss
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain
−source voltage VDS (V)
IDR – VDS
Ambient temperature Ta (°C)
Vth – Ta
0
-0.5
-1.0
-1.5
-2.0
−80
−40
0
40
80
120
160
Common source
VDS = -10 V
ID = -200μA
Pulse test
160
−40
0
40
80
120
−80
0
0.1
Common source
Ta
= 25°C
Pulse test
0.3
0.3
0.5
1
3
5
10
0.9
1.2
VGS = 0 V
-5.0
-3.0
-1.0
-10
0.6
1.5
Total gate charge Qg (nC)
Dynamic input/output
characteristics
0
4
8
Common source
ID = -3.2 A
Ta
= 25°C
Pulse test
VDD = -24V
VDS
VGS
12
16
-25
-10
0
-15
-20
-15
-10
0
-12
-6
-24
-12
VDD = -6V
-5
-5
-30
Ambient temperature Ta (°C)
PD – Ta
2.0
0.8
0
0
25
50
125
150
0.4
1.2
1.6
200
(1)
(2)
(3)
(4)
75
100
175
Device mounted on a glass-epoxy
board (a)
(Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual
operation
(Note 3b)
Device mounted on a glass-epoxy
board (b)
(Note 2b)
(3) Single-device operation
(Note 3a)
(4) Single-device value at dual
operation
(Note 3b)
t
= 5 s
VGS = -10V
VGS = -4.5V
ID = -0.8A, -1.5A, -4.5A
ID = -0.8A, -1.5A, -4.5A
Common source
Pulse test
150
120
60
30
0
90


Número de pieza similar - TPCP8402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results

Descripción similar - TPCP8402

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8113 TOSHIBA-TPC8113 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8302 TOSHIBA-TPCF8302 Datasheet
273Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8304 TOSHIBA-TPCF8304 Datasheet
260Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS IV)
TPC8111 TOSHIBA-TPC8111 Datasheet
399Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8303 TOSHIBA-TPCF8303 Datasheet
118Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8303 TOSHIBA-TPCF8303_07 Datasheet
230Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com