Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPCS8214 Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
TPCS8214 Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 7 page TPCS8214 2007-01-16 1 TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSⅣ) TPCS8214 Lithium Ion Battery Applications • Small footprint due to small and thin package • Low drain-source ON resistance: RDS (ON) = 10.5mΩ (typ.) • High forward transfer admittance: |Yfs| = 10S (typ.) • Low leakage current: IDSS = 10 μA (max) (VDS = 30 V) • Enhancement mode: Vth = 0.5~1.4 V (VDS = 10 V, ID = 200μA) • Common drain Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Drain-source voltage VDSS 30 V Drain-gate voltage (RGS = 20 kΩ) VDGR 30 V Gate-source voltage VGSS ±12 V DC (Note 1) ID 6 Drain current Pulse (Note 1) IDP 24 A Single-device operation (Note 3a) PD (1) 1.1 Drain power dissipation (t = 10 s) (Note 2a) Single-device value at dual operation (Note 3b) PD (2) 0.75 W Single-device operation (Note 3a) PD (1) 0.6 Drain power dissipation (t = 10 s) (Note 2b) Single-device value at dual operation (Note 3b) PD (2) 0.35 W Single pulse avalanche energy (Note 4) EAS 9.4 mJ Avalanche current IAR 6 A Repetitive avalanche energy Single-device value at dual operation (Note 2a, 3b, 5) EAR 0.075 mJ Channel temperature Tch 150 °C Storage temperature range Tstg −55~150 °C Note: (Note 1), (Note 2), (Note 3), (Note 4) and (Note 5): See the next page. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). This transistor is an electrostatic-sensitive device. Please handle with caution. WARNING 【 Handling Precaution for Power MOSFET in use of Protection Circuit for Battery Pack】 Flame-retardant resins of UL94-V0 flammability class are used in packages, however, they are not noncombustible.Use a unit example PTC Thermistor, which can shut off the power supply if a short-circuit occurs. If the power supply is not shut off on the occurring short-circuit,a large short-circuit current will flow continuously, which may cause the device to catch fire or smoke. Unit: mm JEDEC ⎯ JEITA ⎯ TOSHIBA 2-3R1E Weight: 0.035 g (typ.) Circuit Configuration 8 7 6 5 1 2 3 4 |
Número de pieza similar - TPCS8214 |
|
Descripción similar - TPCS8214 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |