Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD1034F Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TPD1034F
Descripción Electrónicos  High-side Power Switch for Motors, Solenoids, and Lamp Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1034F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPD1034F_07 Datasheet HTML 1Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 2Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 3Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 4Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 5Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 6Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 7Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 8Page - Toshiba Semiconductor TPD1034F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TPD1034F
2006-10-31
4
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unite
Drain-source voltage
VDS
60
V
DC
VDD (1)
25
V
Supply voltage
Pulse
VDD (2)
60 (Rs = 1Ω, τ= 250 ms)
V
DC
VIN (1)
−0.5 ~ 12
V
Input voltage
Pulse
VIN (2)
VDD (1) + 1.5 (t = 100 ms)
V
Diagnosis output voltage
VDIAG
−0.5 ~ 25
V
Output current
IO
Internally limited
A
Input current
IIN
±10
mA
Diagnosis output current
IDIAG
5
mA
1.4 (Note 1)
Power dissipation (Ta = 25°C)
PD
2.4 (Note 2)
W
Operating temperature
Topr
−40 ~ 110
°C
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−55 ~ 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Thermal Resistance
Characteristic
Symbol
Test Condition
Unit
89.3 (Note 1)
Thermal resistance
Rth (ch-a)
52.1 (Note 2)
°C / W
Note1: Mounted on a glass epoxy board (25.4 mm × 25.4 mm × 0.8 mm) (DC)
Note2: Mounted on a glass epoxy board (25.4 mm × 25.4 mm × 0.8 mm) (tw ≤ 10 s)


Número de pieza similar - TPD1034F_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPD1034F TOSHIBA-TPD1034F Datasheet
318Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
More results

Descripción similar - TPD1034F_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPD1011S TOSHIBA-TPD1011S Datasheet
352Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1033F TOSHIBA-TPD1033F Datasheet
319Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS, SOLENOIDS AND LAMP DRIVERS
TPD1033F TOSHIBA-TPD1033F_07 Datasheet
427Kb / 11P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1018F TOSHIBA-TPD1018F Datasheet
291Kb / 7P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1034F TOSHIBA-TPD1034F Datasheet
318Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD1008SA TOSHIBA-TPD1008SA Datasheet
324Kb / 10P
   HIGH SIDE POWER SWITCH FOR MOTORS,SOLENOIDS, AND LAMP DRIVERS
TPD1008SA TOSHIBA-TPD1008SA_07 Datasheet
762Kb / 11P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1018F TOSHIBA-TPD1018F_07 Datasheet
500Kb / 8P
   High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
   Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS_07 Datasheet
417Kb / 7P
   Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com