Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPD1037BS Datasheet(PDF) 2 Page - Toshiba Semiconductor |
|
TPD1037BS Datasheet(HTML) 2 Page - Toshiba Semiconductor |
2 / 8 page TPD1037BS 2007-03-28 2 Pin Description Pin No. Symbol Pin Description 1 IN Input pin. This pin is connected to a pull-down resistor internally, so that even when input wiring is open-circuited, output can never be turned on inadvertently. 2 OUT Output pin. If an inrush current flows (e.g., from a lamp), the current is clamped at 10 A (typ.) by an overcurrent protective circuit. Also, a 150 μs (typ.) mask circuit is included internally, so that if VDS ≥ 12 V (typ.) after this mask time, the current is clamped at 3 A (typ.) 3 GND Ground pin. Timing Chart Current limiting Current limiting Output signal (output current) Overheat detection VDS (VDS ≥ 12 V) Overcurrent detection Input signal |
Número de pieza similar - TPD1037BS |
|
Descripción similar - TPD1037BS |