Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS855 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TPS855
Descripción Electrónicos  Luminosity Adjustment for TV Screens, CRT Monitors and Liquid-crystal Display Monitors Other Equipment Requiring Luminosity Adjustment
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS855 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPS855 Datasheet HTML 1Page - Toshiba Semiconductor TPS855 Datasheet HTML 2Page - Toshiba Semiconductor TPS855 Datasheet HTML 3Page - Toshiba Semiconductor TPS855 Datasheet HTML 4Page - Toshiba Semiconductor TPS855 Datasheet HTML 5Page - Toshiba Semiconductor TPS855 Datasheet HTML 6Page - Toshiba Semiconductor TPS855 Datasheet HTML 7Page - Toshiba Semiconductor TPS855 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TPS855(F)
2007-10-01
2
Electrical and Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Supply voltage
VCC
2.7
5.5
V
Supply current
ICC
VCC = 5 V, EV = 1000 lx
RL = 250 Ω
(Note 2)
4.5
mA
Light current (1)
IL (1)
VCC = 5 V, EV = 100 lx
(Note 2), (Note 4)
365
μA
Light current (2)
IL (2)
VCC = 5 V, EV = 10 lx
(Note 3), (Note 4)
21
28
35
μA
Light current (3)
IL (3)
VCC = 5 V, EV = 100 lx
(Note 3), (Note 4)
210
280
350
μA
Light current ratio
(3)
L
I
(1)
L
I
1.3
1.7
Dark current
ILEAK
VCC = 5.5 V, EV = 0
0.5
μA
Saturation output voltage
VO
VCC = 5 V, RL = 75 kΩ, EV = 100 lx
(Note 3)
4.2
4.35
V
Peak sensitivity wavelength
λp
640
nm
Rise time
tr
0.2
Switching time
Fall time
tf
VCC = 5 V, RL = 5 kΩ
(Note 5)
0.6
ms
Note 2: CIE standard A light source is used (color temperature = 2856K, approximaterd incandescence light)
Note 3: Fluorescence light is used as light source. However, white LED is substituted in a mass-production process.
Note 4: Light current measuremen circuit
Note 5: Rise time/fall time measurement method
A
OUT
VCC
IL
TPS855(F)
Light
tf
tr
IF
2.5 V
VOUT
GND
90%
10%
OUT
VCC
White LED
Pulse drive
TPS855(F)
RL


Número de pieza similar - TPS855

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPS850 TOSHIBA-TPS850 Datasheet
155Kb / 10P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850 Datasheet
275Kb / 10P
   Photo-IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850_07 Datasheet
275Kb / 10P
   Photo-IC Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851 Datasheet
203Kb / 12P
   TOSHIBA Photo IC Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851 Datasheet
272Kb / 12P
   Silicon Epitaxial Planar
More results

Descripción similar - TPS855

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPS856 TOSHIBA-TPS856 Datasheet
291Kb / 13P
   Mobile Phones Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
TPS853 TOSHIBA-TPS853_07 Datasheet
277Kb / 12P
   Mobile Phones, PHS Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Sharp Corporation
GL8T156 SHARP-GL8T156 Datasheet
463Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
   Video Processor for CRT Monitors with PictureBooST
AN1657 STMICROELECTRONICS-AN1657 Datasheet
166Kb / 9P
   SMPS FOR CRT MONITORS WITH THE L6565
logo
List of Unclassifed Man...
GL5TR43 ETC-GL5TR43 Datasheet
81Kb / 3P
   Super-luminosity LED Lamp/High-luminosity LED Lamp
logo
Everlight Electronics C...
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
   Luminosity Full Color LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com