Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS610 Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TPS610
Descripción Electrónicos  Silicon NPN Epitaxial Planar
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS610 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPS610 Datasheet HTML 1Page - Toshiba Semiconductor TPS610 Datasheet HTML 2Page - Toshiba Semiconductor TPS610 Datasheet HTML 3Page - Toshiba Semiconductor TPS610 Datasheet HTML 4Page - Toshiba Semiconductor TPS610 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TPS610(F)
2007-10-01
3
Fig.1 Switching time test circuit
PC – Ta
Ambient temperature Ta (°C)
160
0
0
20
40
60
80
100
40
80
120
Spectral Response
(typ.)
Wavelength λ (nm)
200
1
400
100
50
30
10
5
3
600
800
1000
1200
Ta = 25 °C
ID – Ta
(typ.)
Ambient temperature Ta (°C)
10
4
0
20
60
40
80
10
3
10
2
10
1
1
10
10
2
VCE = 24 V
E =0
0.1
IL – E
(typ.)
Radiant incidence E (mW/cm
2)
50
0.1
30
10
5
3
0.5
0.3
0.3
1
3
10
30
VCE = 3 V
Ta = 25°C
Color temperature
= 2870K
1
Output
RL
R
Input
TLN110(F)
VCC
Input pulse
Output pulse
0
0
tr
90%
10%
tf
TPS610(F)


Número de pieza similar - TPS610

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPS610 TOSHIBA-TPS610 Datasheet
200Kb / 4P
   SILICON NPN EPITAXIAL PLANAR
TPS610 TOSHIBA-TPS610 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI-TPS61000 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
More results

Descripción similar - TPS610

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SC1907 HITACHI-2SC1907 Datasheet
39Kb / 7P
   Silicon NPN Epitaxial Planar
2SC2776 HITACHI-2SC2776 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC460 HITACHI-2SC460 Datasheet
51Kb / 13P
   Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC1907 RENESAS-2SC1907 Datasheet
164Kb / 6P
   Silicon NPN Epitaxial Planar
2SC5852 RENESAS-2SC5852 Datasheet
88Kb / 6P
   Silicon NPN Epitaxial Planar
logo
Guangdong Kexin Industr...
2SC3930 KEXIN-2SC3930 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial Planar
logo
Hitachi Semiconductor
2SC1906 HITACHI-2SC1906 Datasheet
45Kb / 8P
   Silicon NPN Epitaxial Planar
2SC2620 HITACHI-2SC2620 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC3391 HITACHI-2SC3391 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC4693 HITACHI-2SC4693 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC1377 ETC-2SC1377 Datasheet
160Kb / 3P
   SILICON NPN EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com