Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS842A Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TPS842A
Descripción Electrónicos  Silicon Epitaxial Planar
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS842A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPS842A Datasheet HTML 1Page - Toshiba Semiconductor TPS842A Datasheet HTML 2Page - Toshiba Semiconductor TPS842A Datasheet HTML 3Page - Toshiba Semiconductor TPS842A Datasheet HTML 4Page - Toshiba Semiconductor TPS842A Datasheet HTML 5Page - Toshiba Semiconductor TPS842A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TPS842A(F),TPS844(F)
2007-10-01
3
Note 3: Switching time measurement circuit and waveform.
TPS842A(F)
TPS844(F)
Precautions
• When you consider a combined use with an LED, be sure to use an infrared LED. Visible rays in wavelength of
less than 700 nm cannot be detected.
• Make sure the shielding plate that is used to detect positions is manufactured from materials with superior
light-shielding characteristics. Insufficient shield can cause malfunction.
• Photo ICs contain a high-sensitivity amplifier. Toshiba recommends connecting a capacitor of about 0.01 μF that
has good high-frequency characteristics between VCC and GND near the device to prevent unwanted oscillation.
• Please install so that disturbance light is not irradiated by these products.
When disturbance light (incandescence light etc.) 700 nm or more is detected, it may incorrect-operate. Please
perform sufficient evaluation and verification by set.
• During 100 μs after turning on VCC, output voltage changes for stabilizing the inner circuit.
(TPS842A(F))
(TPS844(F))
(INFRARED LED)
AMP
VOL.REG.
(INFRARED LED)
AMP
VOL.REG.


Número de pieza similar - TPS842A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPS842A TOSHIBA-TPS842A Datasheet
255Kb / 6P
   TPS842A
More results

Descripción similar - TPS842A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
UMZ1N SECOS-UMZ1N Datasheet
1Mb / 4P
   Silicon Epitaxial Planar
logo
Toshiba Semiconductor
TPS816F TOSHIBA-TPS816F_07 Datasheet
173Kb / 6P
   Silicon Epitaxial Planar
logo
SEMTECH ELECTRONICS LTD...
1SS77WS SEMTECH_ELEC-1SS77WS Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR
logo
SeCoS Halbleitertechnol...
EMZ1 SECOS-EMZ1 Datasheet
1Mb / 4P
   Silicon Epitaxial Planar
logo
Hitachi Semiconductor
2SC641K HITACHI-2SC641K Datasheet
626Kb / 3P
   SILICON EPITAXIAL PLANAR
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820_07 Datasheet
160Kb / 5P
   Silicon Epitaxial Planar
TPS852 TOSHIBA-TPS852 Datasheet
247Kb / 12P
   Silicon Epitaxial Planar
TPS841 TOSHIBA-TPS841 Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851_07 Datasheet
272Kb / 12P
   Silicon Epitaxial Planar
logo
Panasonic Semiconductor
2SA963 PANASONIC-2SA963 Datasheet
109Kb / 3P
   SILICON EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com