Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP1962C10BXBG Datasheet(PDF) 9 Page - Toshiba Semiconductor

No. de pieza TMP1962C10BXBG
Descripción Electrónicos  32-Bit RISC Microprocessor
Download  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP1962C10BXBG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP1962C10BXBG Datasheet HTML 5Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 6Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 7Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 8Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 9Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 10Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 11Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 12Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 459 page
background image
TMP1962C10BXBG
2006-02-21
TMP1962-9
Table 2.2 Pin Names and Functions (2/6)
Pin Name
Number
of Pins
Type
Function
P70 - P77
AN0 - AN7
8
Input
Input
Port 7: Input-only
Analog Input: Input to the on-chip A/D converter
P80 - P87
AN8 - AN15
8
Input
Input
Port 8: Input-only
Analog Input: Input to the on-chip A/D converter
P90 - P97
AN16 - AN23
8
Input
Input
Port 9: Input-only
Analog Input: Input to the on-chip A/D converter
PI0
ADTRG
1
Input/Output
Input
Port I0: Programmable as input or output
A/D Trigger: Starts an A/D conversion
Schmitt-triggered input
PI1
INT1
1
Input/Output
Input
Port I1: Programmable as input or output
Interrupt Request 1: Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
Schmitt-triggered input
PI2
INT2
1
Input/Output
Input
Port I2: Programmable as input or output
Interrupt Request 2: Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
Schmitt-triggered input
PI3
INT3
1
Input/Output
Input
Port I3: Programmable as input or output
Interrupt Request 3: Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
Schmitt-triggered input
PI4
INT4
1
Input/Output
Input
Port I4: Programmable as input or output
Interrupt Request 4: Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
Schmitt-triggered input
PI5
INT9
1
Input/Output
Input
Port I5: Programmable as input or output
Interrupt Request 9: Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
Schmitt-triggered input
PI6
INTA
1
Input/Output
Input
Port I6: Programmable as input or output
Interrupt Request A: Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
Schmitt-triggered input
PI7
1
Input/Output
Port I7: Programmable as input or output
PA0
TA0IN
1
Input/Output
Input
Port A0: Programmable as input or output
8-Bit Timer 0 Input: Input to 8-bit timer 0
PA1
TA1OUT
1
Input/Output
Output
Port A1: Programmable as input or output
8-Bit Timer 01 Output: Output from either 8-bit timer 0 or 1
PA2
TA2IN
1
Input/Output
Input
Port A2: Programmable as input or output
8-Bit Timer 2 Input: Input to 8-bit timer 2
PA3
TA3OUT
1
Input/Output
Output
Port A3: Programmable as input or output
8-Bit Timer 23 Output: Output from either 8-bit timer 2 or 3
PA4
TA5OUT
1
Input/Output
Output
Port A4: Programmable as input or output
8-Bit Timer 45 Output: Output from either 8-bit timer 4 or 5
PA5
TA7OUT
1
Input/Output
Output
Port A5: Programmable as input or output
8-Bit Timer 67 Output: Output from either 8-bit timer 6 or 7
PA6
TA9OUT
1
Input/Output
Input
Port A6: Programmable as input or output
8-Bit Timer 89 Output: Output from either 8-bit timer 8 or 9
PA7
TABOUT
1
Input/Output
Output
Port A7: Programmable as input or output
8-Bit Timer AB Output: Output from either 8-bit timer A or B
PB0
TB0OUT
1
Input/Output
Output
Port B0: Programmable as input or output
16-Bit Timer 0 Output: Output from 16-bit timer 0
PB1
TB1OUT
1
Input/Output
Output
Port B1: Programmable as input or output
16-Bit Timer 1 Output: Output from 16-bit timer 1


Número de pieza similar - TMP1962C10BXBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
More results

Descripción similar - TMP1962C10BXBG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com