Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74ALS240A Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza DM74ALS240A
Descripción Electrónicos  Octal 3-STATE Bus Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS240A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS240A_07 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 7Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 8Page - Fairchild Semiconductor DM74ALS240A_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
September
2007
©1986 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DM74ALS240A, DM74ALS241A Rev. 1.3
DM74ALS240A, DM74ALS241A
Octal 3-STATE Bus Driver
Features
Advanced low power oxide-isolated ion-implanted
Schottky TTL process
Functional and pin compatible with the DM74LS
counterpart
Improved switching performance with less power
dissipation compared with the DM74LS counterpart
Switching response specified into 500
Ω and 50pF
load
Switching response specifications guaranteed over
full temperature and VCC supply range
PNP input design reduces input loading
Low level drive current: 74ALS
= 24mA
General Description
These octal 3-STATE bus drivers are designed to
provide the designer with flexibility in implementing a bus
interface with memory, microprocessor, or communi-
cation systems. The output 3-STATE gating control is
organized into two separate groups of four buffers.
The DM74ALS240A control inputs symmetrically enable
the respective outputs when set logic LOW, while the
DM74ALS241A has complementary enable gating.
The 3-STATE circuitry contains a feature that maintains
the buffer outputs in 3-STATE (high impedance state)
during power supply ramp-up or ramp-down. This elimi-
nates bus glitching problems that arise during power-up
and power-down.
Ordering Information
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
DM74ALS240A
DM74ALS241A
Order Number
Package
Number
Package Description
DM74ALS240AWM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
DM74ALS240ASJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS240AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
DM74ALS241AWM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide


Número de pieza similar - DM74ALS240A_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS240AN FAIRCHILD-DM74ALS240AN Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240ASJ FAIRCHILD-DM74ALS240ASJ Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240AWM FAIRCHILD-DM74ALS240AWM Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
More results

Descripción similar - DM74ALS240A_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS1240A FAIRCHILD-DM74ALS1240A Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
DM74ALS244A FAIRCHILD-DM74ALS244A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74HC_HCT245 PHILIPS-74HC_HCT245_15 Datasheet
137Kb / 22P
   Octal bus tranceiver; 3-state
Rev. 03-31 January 2005
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com