Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6644PBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF6644PBF
Descripción Electrónicos  DirectFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6644PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6644PBF Datasheet HTML 1Page - International Rectifier IRF6644PBF Datasheet HTML 2Page - International Rectifier IRF6644PBF Datasheet HTML 3Page - International Rectifier IRF6644PBF Datasheet HTML 4Page - International Rectifier IRF6644PBF Datasheet HTML 5Page - International Rectifier IRF6644PBF Datasheet HTML 6Page - International Rectifier IRF6644PBF Datasheet HTML 7Page - International Rectifier IRF6644PBF Datasheet HTML 8Page - International Rectifier IRF6644PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
8/18/06
DirectFET
™ Power MOSFET ‚
DirectFET
™ ISOMETRIC
MN
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

Fig 1. Typical On-Resistance Vs. Gate Voltage
Typical values (unless otherwise specified)
Fig 2. Typical On-Resistance Vs. Drain Current
Description
The IRF6644PbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve the
lowest on-state resistance in a package that has the footprint of an SO-8 and only 0.7 mm profile. The DirectFET package is compatible with
existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering techniques,
when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows dual sided
cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6644PbF is optimized for primary side bridge topologies in isolated DC-DC applications, for wide range universal input Telecom
applications (36V - 75V), and for secondary side synchronous rectification in regulated DC-DC topologies. The reduced total losses in the device
coupled with the high level of thermal performance enables high efficiency and low temperatures, which are key for system reliability
improvements, and makes this device ideal for high performance isolated DC-DC converters.
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
220
Max.
8.3
60
82
±20
100
10.3
6.2
4
6
8
10
12
14
16
VGS, Gate-to-Source Voltage (V)
0.00
0.02
0.04
0.06
0.08
TJ = 25°C
TJ = 125°C
ID = 6.2A
0
4
8
12
16
20
ID, Drain Current (A)
9
10
11
12
13
TA= 25°C
VGS = 8.0V
VGS = 7.0V
VGS = 10V
VGS = 15V
SH
SJ
SP
MZ
MN
VDSS
VGS
RDS(on)
100V max ±20V max 10.3m
Ω@ 10V
Qg tot
Qgd
Vgs(th)
35nC
11.5nC
3.7V
PD - 97094A
IRF6644PbF
IRF6644TRPbF
l RoHS Compliant

l Lead-Free (Qualified up to 260°C Reflow)
l Application Specific MOSFETs
l Ideal for High Performance Isolated Converter
Primary Switch Socket
l Optimized for Synchronous Rectification
l Low Conduction Losses
l High Cdv/dt Immunity
l Low Profile (<0.7mm)
l Dual Sided Cooling Compatible

l Compatible with existing Surface Mount Techniques

 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 12mH, RG = 25Ω, IAS = 6.2A.
Notes:


Número de pieza similar - IRF6644PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6644PBF IRF-IRF6644PBF Datasheet
261Kb / 10P
   Ideal for High Performance Isolated Converter Primary Switch Socket
IRF6644PBF IRF-IRF6644PBF Datasheet
261Kb / 10P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
IRF6644PBF INFINEON-IRF6644PBF Datasheet
1Mb / 18P
   Quality Requirement Category: Consumer
V2.0 2017-03-28
logo
International Rectifier
IRF6644PBF IRF-IRF6644PBF_15 Datasheet
261Kb / 10P
   Optimized for Synchronous Rectification
More results

Descripción similar - IRF6644PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com