Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G139DCURE4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza 74LVC1G139DCURE4
Descripción Electrónicos  2-TO-4 LINE DECODER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74LVC1G139DCURE4 Datasheet(HTML) 5 Page - Texas Instruments

  74LVC1G139DCURE4 Datasheet HTML 1Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN74LVC1G139
2-TO-4 LINE DECODER
SCES602B – AUGUST 2004 – REVISED DECEMBER 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
A or B inputs
VI = 5.5 V or GND
0 to 5.5 V
±1
µA
Ioff
VI or VO = 5.5 V
0
±5
µA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
µA
∆I
CC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
µA
Ci
VI = VCC or GND
3.3 V
4
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
Y
2.7
15.3
1.5
7.5
0.9
4.9
0.8
3.6
ns
over recommended operating free-air temperature range, C
L = 30 pF or 50 pF (unless otherwise noted) (see Figure 2)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
Y
3
16.7
1.6
8.2
1.2
5.9
1.1
4.2
ns
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Cpd(1)
Power dissipation capacitance
f = 10 MHz
31
34
36
39
pF
(1)
Two outputs switching
5


Número de pieza similar - 74LVC1G139DCURE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LVC1G139DCURE4 TI1-74LVC1G139DCURE4 Datasheet
925Kb / 22P
[Old version datasheet]   2-to-4 Line Decoder
More results

Descripción similar - 74LVC1G139DCURE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F_01 Datasheet
218Kb / 7P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139 Datasheet
146Kb / 10P
[Old version datasheet]   2-TO -4 LINE DECODER
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F Datasheet
203Kb / 6P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139_08 Datasheet
431Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
SN74LVC1G139 TI1-SN74LVC1G139_15 Datasheet
925Kb / 22P
[Old version datasheet]   2-to-4 Line Decoder
logo
STMicroelectronics
M54HC155 STMICROELECTRONICS-M54HC155 Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74HC155AP TOSHIBA-TC74HC155AP_07 Datasheet
341Kb / 9P
   Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com