Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT534 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74ACT534
Descripción Electrónicos  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT534 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACT534 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT534 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT534 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT534 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT534 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT534 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT534 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT534 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACT534 Rev. 1.4
5
AC Electrical Characteristics
Note:
3. Voltage range 5.0 is 5.0V ± 0.5V.
AC Operating Requirements
Note:
4. Voltage range 5.0 is 5.0V ± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(3)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock Frequency
5.0
100
120
MHz
tPLH
Propagation Delay, CP to Qn
5.0
2.5
6.5
11.5
2.0
12.5
ns
tPHL
Propagation Delay, CP to Qn
5.0
2.0
6.0
10.5
2.0
12.0
ns
tPZH
Output Enable Time
5.0
2.5
6.5
12.0
2.0
12.5
ns
tPZL
Output Enable Time
5.0
2.0
6.0
11.0
2.0
11.5
ns
tPHZ
Output Disable Time
5.0
1.5
7.0
12.5
1.0
13.5
ns
tPLZ
Output Disable Time
5.0
1.5
5.5
10.5
1.0
10.5
ns
Symbol
Parameter
VCC (V)
(4)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW, Dn to CP
5.0
1.0
3.5
4.0
ns
tH
Hold Time, HIGH or LOW, Dn to CP
5.0
–1.0
1.0
1.5
ns
tW
CP Pulse Width, HIGH or LOW
5.0
2.0
3.5
3.5
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
40.0
pF


Número de pieza similar - 74ACT534

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ACT534 FAIRCHILD-74ACT534 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74ACT534DCQB NSC-74ACT534DCQB Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74ACT534DCQR NSC-74ACT534DCQR Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74ACT534DCX NSC-74ACT534DCX Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
More results

Descripción similar - 74ACT534

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com