Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8838BEEU285Z Datasheet(PDF) 8 Page - Analog Microelectronics |
|
AME8838BEEU285Z Datasheet(HTML) 8 Page - Analog Microelectronics |
8 / 19 page AME, Inc. 8 High PSRR, 150mA CMOS LDO AME8838 Rev.E.04 Parameter Symbol Min Typ Max Units Input Voltage VIN Note1 6 V -1.5 1.5 -3 3 Current Limit ILIM 200 350 500 Short Circuit Limit ISC 200 Quiescent Current IQ 30 45 µA -0.25 0.1 0.25 -0.4 0.4 -0.4 0.2 0.4 -0.6 0.6 Over Temperature Shutdown OTS 160 oC Over Temperature Hysterisis OTH 40 oC VOUT Temperature Coefficient TC 30 ppm/ oC Power Supply Ripple Rejection PSRR 65 dB IOUT=150mA, VOUT<=2.0V, VDROPOUT=2.5V-VOUT 120 250 IOUT=150mA, 2.0V<VOUT< 2.5V VOUT=VOUT(nom) -2%VOUT(nom) 180 360 200 IOUT=150mA, 2.5V<=VOUT< 3.0V VOUT=VOUT(nom) -2%VOUT(nom) 135 270 80 170 mV IOUT=150mA, VOUT>= 3.0V VOUT=VOUT(nom) -2%VOUT(nom) 120 240 IOUT=80mA, 2.5V<=VOUT< 3.0V VOUT=VOUT(nom) -2%VOUT(nom) 90 Dropout Voltage (See Note 1) VDROPOUT IOUT=80mA, VOUT>= 3.0V VOUT=VOUT(nom) -2%VOUT(nom) IOUT=80mA, 2.0V<VOUT< 2.5V VOUT=VOUT(nom) -2%VOUT(nom) %/mA IOUT = 0mA IOUT = 0mA 0.02 -0.04 0.004 0.04 IOUT = 1mA, VOUT > 2.0V TA = 25 oC VOUT <= 2.0V VIN = 2.5V VOUT > 2.0V VIN = VOUT + 0.5V IOUT = 1 to 150mA Test Condition %/V IOUT = 1mA, TA = 25 o C Line Regulation (See Note 2) REGLINE TA = 25 oC IOUT = 1mA, VOUT <= 2.0V VIN = 2.5V to VIN = 6V TA = 25 oC, V IN = 6V, 1mA < IOUT < 150mA VOUT = 0.8xVOUT(nom) , TA = 25 oC Load Regulation (See Note 3) REGLOAD Output Voltage Accuracy VOUT(nom) VOUT = 0V, TA = 25 oC VIN = 4.3V, VOUT = 3.3V, COUT = 10 µf IOUT = 100mA, f = 1kHz VIN = VOUT +0.5V to VIN = 6V mA % IOUT = 1mA, TJ = -40 to 125 oC -0.02 0.0025 TJ =-40 to 125 oC TJ = -40 to125 oC n Electrical Specifications (Contd.) V OUT(nom) > 2.0V, VIN=VOUT(nom)+ 0.5V; VOUT 2V, V IN = 2.5V, VEN = VIN, TJ = -40 to 125 OC, C IN = COUT = 1µF unless otherwise noted. ≤ |
Número de pieza similar - AME8838BEEU285Z |
|
Descripción similar - AME8838BEEU285Z |