Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC5368 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza 2SC5368
Descripción Electrónicos  Silicon NPN Triple Diffused Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5368 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5368_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5368_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5368_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5368_06 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5368
2006-11-10
2
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 520 V, IE = 0
20
μA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
10
μA
Collector-base breakdown voltage
V (BR) CBO
IC = 1 mA, IE = 0
650
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
450
V
hFE (1)
VCE = 5 V, IC = 1 mA
13
DC current gain
hFE (2)
VCE = 5 V, IC = 0.2 A
20
65
Collector-emitter saturation voltage
VCE (sat)
IC = 0.8 A, IB = 0.1 A
1.0
V
Base-emitter saturation voltage
VBE (sat)
IC = 0.8 A, IB = 0.1 A
1.3
V
Rise time
tr
0.5
Storage time
tstg
2.0
Switching time
Fall time
tf
IB1 = 0.1 A, IB2 = −0.2 A,
Duty cycle ≤ 1%
0.3
μs
Marking
20 μs
INPUT
VCC ≈ 200 V
IC
IB2
OUTPUT
IB1
C5368
Part No. (or abbreviation code)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.


Número de pieza similar - 2SC5368_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SC5368 TOSHIBA-2SC5368 Datasheet
167Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)
2SC5368 TOSHIBA-2SC5368 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Descripción similar - 2SC5368_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SC2793 TOSHIBA-2SC2793 Datasheet
211Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SD641 TOSHIBA-2SD641 Datasheet
92Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
logo
KEC(Korea Electronics)
BF420 KEC-BF420 Datasheet
52Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
BF422 KEC-BF422 Datasheet
52Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SC5459 TOSHIBA-2SC5459_07 Datasheet
141Kb / 4P
   Silicon NPN Triple Diffused Type
2N3055 TOSHIBA-2N3055 Datasheet
186Kb / 2P
   silicon NPN triple diffused type
2SD1408 TOSHIBA-2SD1408 Datasheet
105Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SC6034 TOSHIBA-2SC6034 Datasheet
180Kb / 5P
   Silicon NPN Triple Diffused Type
logo
Guangdong Kexin Industr...
2SC3138 KEXIN-2SC3138 Datasheet
37Kb / 1P
   Silicon NPN Triple Diffused Type
logo
Toshiba Semiconductor
2SC3182 TOSHIBA-2SC3182 Datasheet
91Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SD845 TOSHIBA-2SD845 Datasheet
242Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com