Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2SK2989_06 Datasheet(Hoja de datos) 5 Page - Toshiba Semiconductor

No. de Pieza. 2SK2989_06
Descripción  Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 5 page
background image
2SK2989
2006-11-17
5
SAFE OPERATING AREA
Drain-source voltage VDS (V)
0.01
0.1
1
10
0.1
1
100
0.01
100
10
Single pulse
Ta=25℃
Curves must be derated linearly
with increase in temperature.
ID max (pulse)*
IDmax (continuous)
DC OPEATION
Ta =25°C
100
μs *
1 ms *
VDSS max




Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2SK2173Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2507_06Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SJ512_06Silicon P Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SJ525_06Silicon P Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications 1 2 3 Toshiba Semiconductor
2SK2749_06Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2964_06Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SJ537_06Silicon P Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2750_06Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2776_06Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2866_06Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl