Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MP4211 Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza MP4211
Descripción Electrónicos  High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4211 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  MP4211_07 Datasheet HTML 1Page - Toshiba Semiconductor MP4211_07 Datasheet HTML 2Page - Toshiba Semiconductor MP4211_07 Datasheet HTML 3Page - Toshiba Semiconductor MP4211_07 Datasheet HTML 4Page - Toshiba Semiconductor MP4211_07 Datasheet HTML 5Page - Toshiba Semiconductor MP4211_07 Datasheet HTML 6Page - Toshiba Semiconductor MP4211_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MP4211
2006-10-27
5
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Total gate charge Qg (nC)
Dynamic Input/Output Characteristics
Case temperature Tc (°C)
Vth – Tc
0
−80
ID = −5, −2.5, −1.2 A
−2.5
−1.2
VGS = −4 V
−40
0
40
80
120
160
0.2
0.4
0.6
0.8
1.0
Common source
ID = −5 A
VGS = −10 V
Common source
Tc = 25°C
−0.1
0
0.4
0.8
1.2
1.6
2.0
−0.3
−0.5
−1
−3
−5
−10
−30
VGS = 0, 1 V
−10
−3
−1
0
−80
Common source
VDS = −10 V
ID = −1 mA
−40
0
40
80
120
160
−0.4
−0.8
−1.2
−1.6
−2.0
0
0
−10
−20
−30
−40
−50
8
16
24
32
40
0
−4
−8
−12
−16
−20
VDD = −48 V
−12
−24
VDS
VGS
Common source
ID = −5 A
Tc = 25°C
Drain-source voltage VDS (V)
Safe Operating Area
−0.1
−1
IDP max
100 μs*
ID max
100 ms*
−3
−10
−30
−100
−300
−0.3
−1
−3
−10
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
−30
1 ms*
10 ms*
30
−0.1
−0.3
−1
−3
−10
−30
−100
50
100
300
500
1000
3000
5000
Common source
VGS = 0 V
f = 1 MHz
Tc = 25°C
Ciss
Coss
Crss
10000


Número de pieza similar - MP4211_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
MP4211 TOSHIBA-MP4211 Datasheet
322Kb / 5P
   POWER MOSFET MODULE SILICON P CHANNEL MOS TYPE
More results

Descripción similar - MP4211_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
MP4209 TOSHIBA-MP4209_07 Datasheet
173Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4412 TOSHIBA-MP4412_07 Datasheet
179Kb / 8P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4411 TOSHIBA-MP4411_07 Datasheet
175Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4210 TOSHIBA-MP4210_07 Datasheet
172Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4209 TOSHIBA-MP4209 Datasheet
320Kb / 5P
   N CHANNEL MOS TYPE HIGH POER, HIGH SPEED SWITCHING APPLICATIONS, FOR PRINTER HEAD PIN DRIVER AND PULSE MOTOR DRIVER FOR SOLENOID DRIVER)
logo
Rohm
BD6794EFV ROHM-BD6794EFV Datasheet
325Kb / 6P
   1chip motor driver for printer
logo
Sanyo Semicon Device
LC4608C SANYO-LC4608C Datasheet
177Kb / 11P
   Printer Head Driver
logo
National Semiconductor ...
DS3654 NSC-DS3654 Datasheet
112Kb / 4P
   Printer Solenoid Driver
logo
Sanken electric
2SB1351 SANKEN-2SB1351 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Printer Head, Solenoid, Relay, Motor and General Purpose)
2SB1352 SANKEN-2SB1352 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Printer Head, Solenoid, Relay, Motor and General Purpose)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com