Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MP4411 Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza MP4411
Descripción Electrónicos  High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4411 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  MP4411_07 Datasheet HTML 1Page - Toshiba Semiconductor MP4411_07 Datasheet HTML 2Page - Toshiba Semiconductor MP4411_07 Datasheet HTML 3Page - Toshiba Semiconductor MP4411_07 Datasheet HTML 4Page - Toshiba Semiconductor MP4411_07 Datasheet HTML 5Page - Toshiba Semiconductor MP4411_07 Datasheet HTML 6Page - Toshiba Semiconductor MP4411_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MP4411
2006-10-27
6
rth – tw
Pulse width tw (s)
Ambient temperature Ta (°C)
PDT – Ta
Total power dissipation PDT (W)
ΔTch – PDT
Channel temperature Tch (°C)
EAS – TcH
-No heat sink/Attached on a circuit board-
(1) 1-device operation
(2) 2-device operation
(3) 3-device operation
(4) 4-device operation
Circuit board
100
0.001
0.01
0.1
1
10
1000
0.5
1
3
10
30
100
300
Curves should be applied in thermal
limited area. (sSngle nonrepetitive pulse)
The figure shows thermal resistance per
device versus pulse width.
(4)
(3)
(1)
(2)
0
8
40
2
4
6
80
120
160
200
0
(1) 1-device operation
(2) 2-device operation
(3) 3-device operation
(4) 4-device operation
Attached on a circuit board
Circuit board
(4)
(3)
(2)
(1)
2
4
6
8
0
160
40
80
120
10
0
Attached on a circuit board
(1) 1-device operation
(2) 2-device operation
(3) 3-device operation
(4) 4-device operation
Circuit board
(1)
(2) (3) (4)
0
25
40
80
120
160
200
50
75
100
125
150
TEST CIRCUIT
TEST WAVE FORM
IAR
BVDSS
VDD
VDS
Peak IAR = 3 A, RG = 25 Ω
VDD = 50 V, L = 20 mH
−15 V
15 V
⎟⎟
⎜⎜
=
DD
VDSS
VDSS
2
AS
V
B
B
·
·L·I
2
1
Ε


Número de pieza similar - MP4411_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
MP4411 TOSHIBA-MP4411 Datasheet
194Kb / 7P
   TOSHIBA Power MOS FET Module Silicon N Channel MOS Type (Four L2-PIE-MOSV in One)
More results

Descripción similar - MP4411_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
MP4209 TOSHIBA-MP4209_07 Datasheet
173Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4412 TOSHIBA-MP4412_07 Datasheet
179Kb / 8P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4211 TOSHIBA-MP4211_07 Datasheet
173Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4210 TOSHIBA-MP4210_07 Datasheet
172Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4209 TOSHIBA-MP4209 Datasheet
320Kb / 5P
   N CHANNEL MOS TYPE HIGH POER, HIGH SPEED SWITCHING APPLICATIONS, FOR PRINTER HEAD PIN DRIVER AND PULSE MOTOR DRIVER FOR SOLENOID DRIVER)
logo
Rohm
BD6794EFV ROHM-BD6794EFV Datasheet
325Kb / 6P
   1chip motor driver for printer
logo
Sanyo Semicon Device
LC4608C SANYO-LC4608C Datasheet
177Kb / 11P
   Printer Head Driver
logo
National Semiconductor ...
DS3654 NSC-DS3654 Datasheet
112Kb / 4P
   Printer Solenoid Driver
logo
Sanken electric
2SB1351 SANKEN-2SB1351 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Printer Head, Solenoid, Relay, Motor and General Purpose)
2SB1352 SANKEN-2SB1352 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Printer Head, Solenoid, Relay, Motor and General Purpose)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com