Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLP3064 Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
TLP3064 Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 6 page TLP3064(S) 2007-10-01 1 TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-TRIAC TLP3064(S) OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY The TOSHIBA TLP3064(S) consists of a zero voltage crossing turn-on photo-triac optically coupled to a GaAlAs infrared emitting diode in a six lead plastic DIP package. • Peak Off-State Voltage : 600V(Min) • Trigger LED Current : 3mA(Max) • On-State Current : 100mA(Max) • Isolation Voltage : 5000Vrms(Min) • UL Recognized : UL1577,File No.E67349 • SEMKO Approved : SS EN60065 SS EN60950, File No.9841113 • BSI Approved : BS EN60065, File No.8385 BS EN60950, File No.8386 • Option (D4) type VDE approved: DIN EN60747-5-2 Approved No. 40009302 Maximum operating insulation voltage: 890VPK Highest permissible over voltage: 8000VPK (Note):When a EN60747-5-2 approved type is needed, please designate the "Option (D4)" Construction Mechanical Rating 7.62 mm pich Standard Type 10.16 mm pich TLPxxxxF Type Creepage Distance Clearance Insulation Thickness 7.0 mm (Min) 7.0 mm (Min) 0.5 mm (Min) 8.0 mm (Min) 8.0 mm (Min) 0.5 mm (Min) Unit: in mm JEDEC TOSHIBA 11-7A9 Weight: 0.39 g 1: Anode 2: Cathode 3: N.C. 4:Terminal 1 6:Terminal 2 ZC:Zero-cross Circuit 1 2 3 4 6 ZC Pin Configuration (top view) |
Número de pieza similar - TLP3064 |
|
Descripción similar - TLP3064 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |