Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP3064 Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TLP3064
Descripción Electrónicos  GaAlAs IRED & PHOTO-TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3064 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3064 Datasheet HTML 1Page - Toshiba Semiconductor TLP3064 Datasheet HTML 2Page - Toshiba Semiconductor TLP3064 Datasheet HTML 3Page - Toshiba Semiconductor TLP3064 Datasheet HTML 4Page - Toshiba Semiconductor TLP3064 Datasheet HTML 5Page - Toshiba Semiconductor TLP3064 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP3064(S)
2007-10-01
3
Individual Electrical Characteristics (Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.2
1.4
1.7
V
Reverse Current
IR
VR = 3 V
10
μA
Capacitance
CT
V = 0, f=1MHz
30
pF
Peak Off-State Current
IDRM
VDRM=600V
10
1000
nA
Peak On-State Voltage
VTM
ITM=100mA
3.0
V
Holding Current
IH
0.6
mA
Critical Rate of Rise of
Off-State Voltage
dv/dt
Vin=240V r m s , Ta=85°C
(Fig.1)
200
500
V/μs
Critical Rate of Rise of
Commutating Voltage
dv/dt(c)
Vin=60Vr m s , IT=15mA
(Fig.1)
0.2
V/μs
Coupled Electrical Characteristics (Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Trigger LED Current
IFT
VT=6V ,Resistive Load
3
mA
Inhibit Voltage
VIH
IF=Rated IFT
50
V
Leakage in Inhibited State
IIH
IF=Rated IFT , VT=Rated VDRM
600
μA
Capacitance (Input to Output)
CS
VS=0 , f=1MHz
0.8
pF
Isolation Resistance
RS
VS=500V ,R.H.≤60%
1×10
12
10
14
Ω
AC , 1minute
5000
AC , 1second,in oil
10000
Vrms
Isolation Voltage
BVS
DC , 1minute,in oil
10000
Vdc
Fig. 1
dv / dt test circuit
5V,VCC
dv / dtc
0V
Vin
dv / dt
Rin
RL
4kΩ
1
2
3
6
4
VCC
120Ω
+


Número de pieza similar - TLP3064

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Descripción similar - TLP3064

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
   TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP363J TOSHIBA-TLP363J Datasheet
182Kb / 7P
   GaAs Ired & Photo-Triac
TLP361J TOSHIBA-TLP361J_07 Datasheet
181Kb / 7P
   GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J_07 Datasheet
199Kb / 6P
   GaAs IRED Photo-Triac
TLP361JF TOSHIBA-TLP361JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP360J TOSHIBA-TLP360J_07 Datasheet
158Kb / 6P
   GaAs Ired & Photo-Triac
TLP360JF TOSHIBA-TLP360JF Datasheet
120Kb / 2P
   GaAs Ired & Photo-Triac
TLP363JF TOSHIBA-TLP363JF Datasheet
140Kb / 2P
   GaAs Ired & Photo-Triac
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com