Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS1282IPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS1282IPW
Descripción Electrónicos  High-Resolution Analog-to-Digital Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS1282IPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1282IPW Datasheet HTML 6Page - Texas Instruments ADS1282IPW Datasheet HTML 7Page - Texas Instruments ADS1282IPW Datasheet HTML 8Page - Texas Instruments ADS1282IPW Datasheet HTML 9Page - Texas Instruments ADS1282IPW Datasheet HTML 10Page - Texas Instruments ADS1282IPW Datasheet HTML 11Page - Texas Instruments ADS1282IPW Datasheet HTML 12Page - Texas Instruments ADS1282IPW Datasheet HTML 13Page - Texas Instruments ADS1282IPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
www.ti.com
ADC
MODULATOR
GainControl
PGA[2:0]Bits
(+)
( )
-
CHOP
CHOP
AVSS
CAPP
300W
300W
(+)
( )
-
A
1
A
2
AVDD
CAPN
ModulatorEffectiveZ
IN
(55k ,typ
W
)
(1)
2nd-Order
2nd-Stage
DS
2nd-Order
1st-Stage
DS
AnalogInput(V )
IN
4th-OrderModulator
MCLK
M0
M1
f
CLK/4
10
Frequency(Hz)
100
10
1
100
1k
PGACHOPOff
PGACHOPOn
Y[n]=3M0[n
2]
6M0[n
3]+4M0[n
4]
+9(M1[n]
2M1[n
1]+M1[n
2])
-
-
-
-
-
-
-
(2)
ADS1282
SBAS418A – SEPTEMBER 2007 – REVISED DECEMBER 2007
The ADC block of the ADS1282 is composed of two
blocks:
a
high-accuracy
modulator
and
a
programmable digital filter.
The
high-performance
modulator
is
an
inherently-stable, fourth-order,
ΔΣ, 2 + 2 pipelined
structure, as shown in Figure 6. It shifts the
quantization noise to a higher frequency (out of the
passband) where digital filtering can easily remove it.
The modulator can be filtered either by the on-chip
digital filter or by use of post-processing filters.
(1) See the Modulator Input Impedance section.
Figure 4. PGA Block Diagram
Figure 6. Fourth-Order Modulator
The modulator first stage converts the analog input
voltage into a pulse-code modulated (PCM) stream.
When the level of differential analog input (AINP –
AINN) is near one-half the level of the reference
voltage 1/2
× (VREFP – VREFN), the ‘1’ density of
the PCM data stream is at its highest. When the level
of the differential analog input is near zero, the PCM
‘0’ and ‘1’ densities are nearly equal. At the two
extremes of the analog input levels (+FS and –FS),
Figure 5. PGA Noise
the ‘1’ density of the PCM streams are approximately
+90% and +10%, respectively.
The modulator second stage produces a '1' density
data stream designed to cancel the quantization
noise of the first stage. The data streams of the two
stages are then combined before input to the digital
filter stage, as shown in Equation 2.
M0[n] represents the most recent first-stage output
while M0[n – 1] is the previous first-stage output.
When the modulator output is enabled, the digital
filter shuts down to save power.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1282


Número de pieza similar - ADS1282IPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1282IPW TI-ADS1282IPW Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282IPW TI-ADS1282IPW Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282IPW TI1-ADS1282IPW Datasheet
1Mb / 61P
[Old version datasheet]    Radiation Tolerant High-Resolution Delta Sigma ADC
ADS1282IPWG4 TI-ADS1282IPWG4 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282IPWG4 TI-ADS1282IPWG4 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
More results

Descripción similar - ADS1282IPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com