Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CBT16209ADGVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74CBT16209ADGVR
Descripción Electrónicos  18-BIT FET BUS-EXCHANGE SWITCHES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16209ADGVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT16209ADGVR Datasheet HTML 1Page - Texas Instruments SN74CBT16209ADGVR Datasheet HTML 2Page - Texas Instruments SN74CBT16209ADGVR Datasheet HTML 3Page - Texas Instruments SN74CBT16209ADGVR Datasheet HTML 4Page - Texas Instruments SN74CBT16209ADGVR Datasheet HTML 5Page - Texas Instruments SN74CBT16209ADGVR Datasheet HTML 6Page - Texas Instruments SN74CBT16209ADGVR Datasheet HTML 7Page - Texas Instruments SN74CBT16209ADGVR Datasheet HTML 8Page - Texas Instruments SN74CBT16209ADGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54CBT16209, SN74CBT16209A
18BIT FET BUSEXCHANGE SWITCHES
SCDS006O − NOVEMBER 1992 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
 Family
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
description/ordering information
The
SN54CBT16209
and
SN74CBT16209A
devices
provide
18
bits
of
high-speed
TTL-compatible bus switching or exchanging.
The low on-state resistance of the switches allows
connections to be made with minimal propagation
delay.
The devices operate as an 18-bit bus switch or a
9-bit
bus
exchanger,
which
provides
data
exchanging between the four signal ports via the
data-select (S0, S1, S2) terminals.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP − DL
Tube
SN74CBT16209ADL
CBT16209A
−40
°C to 85°C
SSOP − DL
Tape and reel
SN74CBT16209ADLR
CBT16209A
−40
°C to 85°C
TSSOP − DGG
Tape and reel
SN74CBT16209ADGGR
CBT16209A
TVSOP − DGV
Tape and reel
SN74CBT16209ADGVR
CY209A
−55
°C to 125°C
CFP − WD
Tube
SNJ54CBT16209WD
SNJ54CBT16209WD
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
S0
1A1
1A2
GND
2A1
2A2
VCC
3A1
3A2
GND
4A1
4A2
5A1
5A2
GND
6A1
6A2
7A1
7A2
GND
8A1
8A2
9A1
9A2
S1
S2
1B1
1B2
2B1
2B2
GND
3B1
3B2
GND
4B1
4B2
5B1
5B2
GND
6B1
6B2
7B1
7B2
GND
8B1
8B2
9B1
9B2
SN54CBT16209 ...WD PACKAGE
SN74CBT16209A . . . DGG, DGV, OR DL PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Widebus is a trademark of Texas Instruments.


Número de pieza similar - SN74CBT16209ADGVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBT16209ADGVR TI1-SN74CBT16209ADGVR Datasheet
768Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
More results

Descripción similar - SN74CBT16209ADGVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54CBT16209 TI-SN54CBT16209 Datasheet
70Kb / 5P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI1-SN54CBT16209_15 Datasheet
768Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A Datasheet
353Kb / 13P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383 Datasheet
67Kb / 5P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383_06 Datasheet
348Kb / 14P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI1-SN54CBT16212A_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A_07 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
logo
Renesas Technology Corp
HD74CBT16212A RENESAS-HD74CBT16212A Datasheet
124Kb / 13P
   24-bit FET Bus-Exchange Switches
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
   18-Bit Bus Exchange Switch
logo
Renesas Technology Corp
HD74CBTS16212A RENESAS-HD74CBTS16212A Datasheet
237Kb / 13P
   24-bit FET Bus-Exchange Switches with Schottky diode clamping
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com