Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7WG34FC Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC7WG34FC
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG34FC Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7WG34FC Datasheet HTML 1Page - Toshiba Semiconductor TC7WG34FC Datasheet HTML 2Page - Toshiba Semiconductor TC7WG34FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WG34FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WG34FC Datasheet HTML 5Page - Toshiba Semiconductor TC7WG34FC Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC7WG34FC
2007-11-01
4
AC Electrical Characteristics (input tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
24.4
1.1~1.3
11.6
21.7
1.0
40.5
1.4~1.6
6.5
9.8
1.0
11.6
1.65~ 1.95
4.9
7.0
1.0
7.6
2.3~2.7
3.2
4.4
1.0
4.9
CL = 10 pF,
RL = 1 MΩ
3.0~3.6
2.4
3.5
1.0
4.1
0.9
26.9
1.1~1.3
12.7
24.2
1.0
42.1
1.4~1.6
7.1
10.7
1.0
12.9
1.65~ 1.95
5.3
7.5
1.0
7.7
2.3~2.7
3.5
4.8
1.0
5.5
CL = 15 pF,
RL = 1 MΩ
3.0~3.6
2.7
3.8
1.0
4.4
0.9
37.0
1.1~1.3
17.1
33.9
1.0
64.1
1.4~1.6
9.3
14.3
1.0
17.4
1.65~ 1.95
6.9
9.8
1.0
10.2
2.3~2.7
4.6
6.2
1.0
6.6
Propagation delay time
tpLH
tpHL
CL = 30 pF,
RL = 1 MΩ
3.0~3.6
3.7
4.8
1.0
5.2
ns
Input capacitance
CIN
3.6
3
pF
Power dissipation capacitance
CPD
(Note 14)
0.9 ~ 3.6
10
pF
Note 14: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/3


Número de pieza similar - TC7WG34FC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7WG34FK TOSHIBA-TC7WG34FK Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple NON-Inverter
TC7WG34FK TOSHIBA-TC7WG34FK_09 Datasheet
184Kb / 7P
   Triple NON-Inverter
TC7WG34FU TOSHIBA-TC7WG34FU Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple NON-Inverter
TC7WG34FU TOSHIBA-TC7WG34FU_09 Datasheet
184Kb / 7P
   Triple NON-Inverter
More results

Descripción similar - TC7WG34FC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7WG34FU TOSHIBA-TC7WG34FU Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple NON-Inverter
TC7WH34FU TOSHIBA-TC7WH34FU_07 Datasheet
207Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
TC7WH34FC TOSHIBA-TC7WH34FC Datasheet
147Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
logo
KEC(Korea Electronics)
KIC7WZU04FK KEC-KIC7WZU04FK Datasheet
532Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WHU04FU TOSHIBA-TC7WHU04FU_01 Datasheet
228Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC TRIPLE INVERTER
TC7WG04FC TOSHIBA-TC7WG04FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH04FU TOSHIBA-TC7WH04FU_07 Datasheet
190Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
logo
KEC(Korea Electronics)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com