Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SZ38FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC7SZ38FU
Descripción Electrónicos  2-Input NAND Gate(Open Drain Output)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ38FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SZ38FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ38FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ38FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ38FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ38FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ38FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ38FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7SZ38F/FU
2007-11-01
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.65
1.5
6.5
12.7
1.5
13.2
1.8
1.5
5.4
10.5
1.5
11.0
2.5
± 0.2
0.8
3.5
7.0
0.8
7.5
3.3
± 0.3
0.8
2.8
5.0
0.8
5.2
tpZL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.5
2.2
4.3
0.5
4.5
ns
1.65
1.5
5.5
12.7
1.5
13.2
1.8
1.5
4.6
10.5
1.5
11.0
2.5
± 0.2
0.8
3.0
7.0
0.8
7.5
3.3
± 0.3
0.8
2.1
5.0
0.8
5.2
Propagation delay time
tpLZ
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.5
1.3
4.3
0.5
4.5
ns
Input capacitance
CIN
0~5.5
4
pF
Output capacitance
COUT
5.5
3
pF
3.3
6.7
Power dissipation capacitance
CPD
(Note 4)
5.5
13
pF
Note 4: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC
AC Characteristics Measurement Circuit
Characteristics
Switch
tpLZ, tpZL
VCC × 2
Measure
VCC × 2
Output
Switch


Número de pieza similar - TC7SZ38FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SZ32 TOSHIBA-TC7SZ32 Datasheet
150Kb / 4P
   2 INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE Datasheet
150Kb / 4P
   2 INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE Datasheet
154Kb / 5P
   2 Input OR Gate
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7SZ32AFS TOSHIBA-TC7SZ32AFS Datasheet
156Kb / 6P
   2-Input OR Gate
More results

Descripción similar - TC7SZ38FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NL17SZ38 ONSEMI-NL17SZ38 Datasheet
266Kb / 10P
   2-Input NAND Gate, Open Drain Output
December, 2019 ??Rev. 0
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G01 LRC-MC74VHC1G01 Datasheet
153Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Nexperia B.V. All right...
74HC03 NEXPERIA-74HC03 Datasheet
226Kb / 11P
   Quad 2-input NAND gate; open-drain output
Rev. 6 - 10 August 2021
logo
Leshan Radio Company
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
78Kb / 6P
   2-Input NAND Gate with Open Drain Output
June, 2005 ??Rev. 14
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com