Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7WZ245FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC7WZ245FK
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ245FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7WZ245FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ245FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ245FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ245FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ245FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ245FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ245FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7WZ245FU/FK
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WZ245FU,TC7WZ245FK
Dual Bus Transceiver
Features
• High output drive
: ±24 mA (min) at VCC = 3 V
• Super high speed operation : tpd = 5.0 ns(max)
at VCC = 5 V, 50 pF
• Operation voltage range
: VCC (opr) = 1.65~5.5 V
• 5.5-V tolerant inputs
• 5.5-V power down protection outputs
• Matches the performance of TC74LCX series when operated at
3.3-V VCC
Note : Do not apply a signal to any pins when it is the output
mode. Damage may result.
All floating (high impedance) bus pins must have their input
levels fixed by means of pull-up or pull-down resistors.
Marking
Absolute Maximum Ratings (Ta = 25°C)
Pin Assignment (top view)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~6
V
DC input voltage
VIN
−0.5~6
V
DC output voltage
VOUT
−0.5~6
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
300 (SM8)
200 (US8)
mW
Storage temperature
Tstg
−65~150
°C
Lead temperature (10 s)
TL
260
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
TC7WZ245FU
TC7WZ245FK
Weight
SSOP8-P-0.65 : 0.02 g (typ.)
SSOP8-P-0.50A : 0.01 g (typ.)
SM8
US8
Type name
Z 245
Lot No.
WZ
245
DIR
A1
A2
GND
B2
B1
G
VCC
1
2
3
4
5
6
7
8


Número de pieza similar - TC7WZ245FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7WZ246FK TOSHIBA-TC7WZ246FK Datasheet
178Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver Buffer And Buffer (Open Drain Outputs)
TC7WZ246FU TOSHIBA-TC7WZ246FU Datasheet
178Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver Buffer And Buffer (Open Drain Outputs)
More results

Descripción similar - TC7WZ245FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7WH245FU TOSHIBA-TC7WH245FU_01 Datasheet
260Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS TRANSCEIVER
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7W125FK KEC-KIC7W125FK Datasheet
295Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com