Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC59LM836DKB-40 Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TC59LM836DKB-40
Descripción Electrónicos  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM836DKB-40 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC59LM836DKB-40 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM836DKB-40 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM836DKB-40 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM836DKB-40 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM836DKB-40 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM836DKB-40 Datasheet HTML 9Page - Toshiba Semiconductor TC59LM836DKB-40 Datasheet HTML 10Page - Toshiba Semiconductor TC59LM836DKB-40 Datasheet HTML 11Page - Toshiba Semiconductor TC59LM836DKB-40 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
TC59LM836DKB-30,-33,-40
2005-03-07
8/65
Rev 1.3
RECOMMENDED DC OPERATING CONDITIONS (continued)
(VDD = 2.5 V ± 0.125 V, VDDQ = 1.4 V ~ 1.9 V, TCASE = 0 ~ 85°C)
SYMBOL
PARAMETER
MIN
MAX
UNIT
NOTES
ILI
Input Leakage Current
( 0 V
≤ VIN ≤ VDDQ, all other pins not under test = 0 V)
−5
5
µA
ILO
Output Leakage Current
(Output disabled, 0 V
≤ VOUT ≤ VDDQ)
−5
5
µA
IREF
VREF Current
−5
5
µA
IOH (DC)
VOH = 1.420 V
−5.6
IOL (DC)
Normal
Output Driver
VOL = 0.280 V
5.6
IOH (DC)
VOH = 1.420 V
−9.8
IOL (DC)
Strong
Output Driver
VOL = 0.280 V
9.8
IOH (DC)
VOH = 1.420 V
−2.8
IOL (DC)
Weak
Output Driver
Output DC Current
(VDDQ = 1.7V~1.9V)
VOL = 0.280 V
2.8
mA
1
IOH (DC)
VOH = VDDQ – 0.4V
−4
IOL (DC)
Normal
Output Driver
VOL = 0.4V
4
IOH (DC)
VOH = VDDQ – 0.4V
−8
IOL (DC)
Strong
Output Driver
VOL= 0.4V
8
IOH (DC)
Not defined
IOL (DC)
Weak Output
Driver
Output DC Current
(VDDQ = 1.4V~1.6V)
Not defined
mA
1
Notes: 1.
Refer to output driver characteristics for the detail. Output Driver Strength is selected by Extended Mode Register.


Número de pieza similar - TC59LM836DKB-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-33 TOSHIBA-TC59LM836DKG-33 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-40 TOSHIBA-TC59LM836DKG-40 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Descripción similar - TC59LM836DKB-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM914AMG TOSHIBA-TC59LM914AMG Datasheet
798Kb / 59P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com