Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC59LM836DKG-40 Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC59LM836DKG-40
Descripción Electrónicos  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM836DKG-40 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC59LM836DKG-40 Datasheet HTML 1Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 2Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 3Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM836DKG-40 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
TC59LM836DKG-30,-33,-40
2005-03-07
3/65
Rev 1.3
PIN ASSIGNMENT (TOP VIEW)
ball pitch=1.0 x 0.8mm
5
A
B
C
D
E
F
G
H
J
K
1
3
6
4
2
L
M
N
P
R
T
U
V
11
7
9
12
10
8
VDD
VDDQ
VSSQ
VDDQ
VSSQ
VDDQ
VSSQ
VSS
VDD
VSS
VDD
VDDQ
VSSQ
VDDQ
VSSQ
TMS
VDDQ
VSSQ
VSS
DQ16
DQ14
DQ12
DQ10
LDS
VREF
PD
A12
A9
A7
A5
UDS
DQ25
DQ23
TCK
DQ21
DQ19
VSS
DQ17
DQ15
DQ13
DQ11
DQ9
CLK
CLK
A11
A8
A6
A4
DQ26
DQ24
DQ22
VSS
DQ20
DQ18
VDD
VDDQ
VSSQ
VDDQ
VSSQ
VDDQ
VSSQ
VSS
VDD
VSS
VDD
VDDQ
VSSQ
VDDQ
VSSQ
VDD
VDDQ
VSSQ
VDD
VDDQ
VSSQ
VDDQ
VSSQ
VDDQ
VSSQ
VSS
VDD
VSS
VDD
VDDQ
VSSQ
VDDQ
VSSQ
VDD
VDDQ
VSSQ
VSS
DQ0
DQ2
DQ4
DQ6
DQ8
CS
A13
BA1
A0
DQ27
DQ29
DQ31
VSS
DQ33
DQ35
VSS
DQ1
DQ3
DQ5
DQ7
LQS
FN
NC
BA0
A10
UQS
DQ28
DQ30
TDO
DQ32
DQ34
VDD
VDDQ
VSSQ
VDDQ
VSSQ
VDDQ
VSSQ
VSS
VDD
VSS
VDD
VDDQ
VSSQ
VDDQ
VSSQ
TDI
VDDQ
VSSQ
A2
NC
A1
A3
0.8mm
: Depopulated ball
Index


Número de pieza similar - TC59LM836DKG-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM836DKB-33 TOSHIBA-TC59LM836DKB-33 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM836DKB-40 TOSHIBA-TC59LM836DKB-40 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results

Descripción similar - TC59LM836DKG-40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM914AMG TOSHIBA-TC59LM914AMG Datasheet
798Kb / 59P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com