Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP3230 Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TLP3230
Descripción Electrónicos  LOGIC IC TESTERS / MEMORY TESTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3230 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3230_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP3230_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP3230_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP3230_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP3230_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP3230_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP3230_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP3230
2007-10-01
1
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3230
MEASUREMENT INSTRUMENTS
LOGIC IC TESTERS / MEMORY TESTERS
BOARD TESTERS / SCANNERS
The TOSHIBA TLP3230 is a super small-outline photorelay, suitable for
surface-mount assembly. The TLP3230 consists of a GaAs
infrared-emitting diode optically coupled to a photo-MOS FET and
housed in a 4-pin package.
Its characteristics also include low OFF-state current and low output pin
capacitance, enabling it to be used in high-frequency measuring
instruments.
Features
• 4 pin SSOP (SSOP4)
: 1.8 mm high, 1.27 mm pitch
• 1-Form-A
• Peak Off-State Voltage
: 20 V (MIN.)
• Trigger LED Current
: 4 mA (MAX.)
• On-State Current
: 160 mA (MAX.)
• On-State Resistance
: 8Ω(MAX.), 5Ω(TYP.)
• Output Capacitance
: 2.5 pF (MAX.), 1.0 pF (TYP.)
• Isolation Voltage
: 1500 Vrms (MIN.)
Pin Configuration (top view)
1 : ANODE
2 : CATHODE
3 : DRAIN
4 : DRAIN
1
2
4
3
Unit: mm
4.2
3.5
0.2
0.2
3.8
0.3
φ
1.4
0.46±0.2
2.04
1.27
1.7
JEDEC
JEITA
TOSHIBA
11-2A1
Weight: 0.03 g


Número de pieza similar - TLP3230_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP3230 TOSHIBA-TLP3230_08 Datasheet
185Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
More results

Descripción similar - TLP3230_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3216 TOSHIBA-TLP3216 Datasheet
249Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3250 TOSHIBA-TLP3250 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
TLP3114 TOSHIBA-TLP3114_07 Datasheet
176Kb / 6P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3215 TOSHIBA-TLP3215 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3241 TOSHIBA-TLP3241 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
TLP3231 TOSHIBA-TLP3231 Datasheet
247Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3240 TOSHIBA-TLP3240 Datasheet
266Kb / 7P
   Logic IC Testers / Memory Testers
TLP3113 TOSHIBA-TLP3113_07 Datasheet
176Kb / 6P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3114 TOSHIBA-TLP3114 Datasheet
73Kb / 4P
   Logic IC Testers/memory Testers Board Testers/Scanners
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com