Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74AC299P Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC74AC299P
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronousclear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC299P Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74AC299P_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74AC299P_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74AC299P/F
2007-10-01
4
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
0.5 to 7.0
V
DC input voltage
VIN
0.5 to VCC + 0.5
V
DC output voltage
VOUT
0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±50
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±250
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP)
mW
Storage temperature
Tstg
65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C should be
applied up to 300 mW.
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
40 to 85
°C
Input rise and fall time
dt/dV
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


Número de pieza similar - TC74AC299P_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC299P TOSHIBA-TC74AC299P Datasheet
351Kb / 8P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUSCLEAR
More results

Descripción similar - TC74AC299P_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC299P TOSHIBA-TC74AC299P Datasheet
351Kb / 8P
   8-BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUSCLEAR
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
TC74HC595AP TOSHIBA-TC74HC595AP_07 Datasheet
439Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register/Latch (3-state)
logo
STMicroelectronics
M54HC195 STMICROELECTRONICS-M54HC195 Datasheet
264Kb / 13P
   8 BIT PIPO SHIFT REGISTER
logo
Toshiba Semiconductor
TC74AC166P TOSHIBA-TC74AC166P_07 Datasheet
503Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (P-IN, S-OUT)
TC74ACT164F TOSHIBA-TC74ACT164F_07 Datasheet
233Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
TC74AC164P TOSHIBA-TC74AC164P_07 Datasheet
295Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
TC74HC4094AP TOSHIBA-TC74HC4094AP_07 Datasheet
498Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift and Store Register (3-state)
TC74HC299AP TOSHIBA-TC74HC299AP_07 Datasheet
432Kb / 10P
   8-Bit PIPO Shift Register with Asynchronous Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com