Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74AC393P Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC74AC393P
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC393P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74AC393P Datasheet HTML 1Page - Toshiba Semiconductor TC74AC393P Datasheet HTML 2Page - Toshiba Semiconductor TC74AC393P Datasheet HTML 3Page - Toshiba Semiconductor TC74AC393P Datasheet HTML 4Page - Toshiba Semiconductor TC74AC393P Datasheet HTML 5Page - Toshiba Semiconductor TC74AC393P Datasheet HTML 6Page - Toshiba Semiconductor TC74AC393P Datasheet HTML 7Page - Toshiba Semiconductor TC74AC393P Datasheet HTML 8Page - Toshiba Semiconductor TC74AC393P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74AC393P/F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC393P,TC74AC393F,TC74AC393FN,TC74AC393FT
Dual Binary Counter
The TC74AC393 is an advanced high speed CMOS 4-BIT
BINARY COUNTER fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
It contains two independent counter circuits in one package, so
that counting or frequency division of eight binary bits can be
achieved with one IC.
This device changes state on the negative going transition of
the CLOCK pulse. The counter can be reset to “0” (QA to QD =
“L”) by a high at the CLEAR input regardless of other inputs.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 180 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F393
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74AC393P
TC74AC393F
TC74AC393FN
TC74AC393FT
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Número de pieza similar - TC74AC393P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC393P TOSHIBA-TC74AC393P Datasheet
298Kb / 7P
   DUAL BINARY COUNTER
More results

Descripción similar - TC74AC393P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC393AP TOSHIBA-TC74HC393AP_07 Datasheet
324Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74HC4024AP TOSHIBA-TC74HC4024AP_07 Datasheet
269Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 7-Stage Binary Counter
TC74HC4060AP TOSHIBA-TC74HC4060AP_07 Datasheet
385Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 14-Stage Binary Counter/Oscillator
TC74HC390AP TOSHIBA-TC74HC390AP_07 Datasheet
409Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter
TC74AC390F TOSHIBA-TC74AC390F_07 Datasheet
401Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter
TC74ACT161P TOSHIBA-TC74ACT161P_07 Datasheet
654Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Synchronous Presettable 4-Bit Binary Counter
TC74HC592AP TOSHIBA-TC74HC592AP_07 Datasheet
575Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8 Bit Binary Counter with Input Register
TC74HC4017AP TOSHIBA-TC74HC4017AP_07 Datasheet
346Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Decade Counter/Divider
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC590AP TOSHIBA-TC74HC590AP_07 Datasheet
530Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Binary Counter/Register with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com