Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74ACT14F Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC74ACT14F
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT14F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT14F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT14F_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74ACT14P/F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT14P,TC74ACT14F,TC74ACT14FN,TC74ACT14FT
Hex Schmitt Inverter
The TC74ACT14 is an advanced high speed CMOS SCHMITT
INVERTER fabricated with silicon gate and double-layer metal
wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
Pin configuration and function are the same as the
TC74ACT04 but the inputs have hysteresis and with its schmitt
trigger function, the TC74ACT14 can be used as a line receivers
which will receive slow input signals.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 6.5 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 V to 5.5 V
• Pin and function compatible with 74F14
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74ACT14P
TC74ACT14F
TC74ACT14FN
TC74ACT14FT
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Número de pieza similar - TC74ACT14F_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74ACT14FN TOSHIBA-TC74ACT14FN Datasheet
258Kb / 6P
   HEX SCHMITT INVERTER
TC74ACT14FT TOSHIBA-TC74ACT14FT Datasheet
258Kb / 6P
   HEX SCHMITT INVERTER
TC74ACT14FT TOSHIBA-TC74ACT14FT_12 Datasheet
226Kb / 7P
   Hex Schmitt Inverter
TC74ACT14F TOSHIBA-TC74ACT14F_12 Datasheet
226Kb / 7P
   Hex Schmitt Inverter
More results

Descripción similar - TC74ACT14F_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F_07 Datasheet
264Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74HC14AP TOSHIBA-TC74HC14AP_07 Datasheet
268Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
logo
KEC(Korea Electronics)
KIC7WZ14FK KEC-KIC7WZ14FK Datasheet
402Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7SZ14FU KEC-KIC7SZ14FU Datasheet
526Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC714FK KEC-KIC714FK Datasheet
250Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
KIC7S14FU KEC-KIC7S14FU Datasheet
241Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
logo
Toshiba Semiconductor
TC74AC04P TOSHIBA-TC74AC04P_07 Datasheet
252Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74HC04AP TOSHIBA-TC74HC04AP_07 Datasheet
255Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC7WZ14FU TOSHIBA-TC7WZ14FU Datasheet
167Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
TC7WG14FC TOSHIBA-TC7WG14FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Schmitt Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com