Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLP1032F Datasheet(PDF) 7 Page - Toshiba Semiconductor |
|
TLP1032F Datasheet(HTML) 7 Page - Toshiba Semiconductor |
7 / 9 page TLP1032(F), TLP1033A(F) 2007-10-01 7 Distance d (mm) TLP1032(F) Detection position characteristic (1) (typ.) Distance d (mm) TLP1032(F) Detection position characteristic (2) (typ.) 0 −0.4 0.2 0.4 0.6 0.8 1.0 1.2 −0.2 0 0.2 0.4 0.6 0.8 Ta = 25°C VCC = 3.3 V RL = 10 kΩ IF = 20 mA Detection position d = 0 ± 0.3 mm 0 + − d Shutter 0 8.2 0.2 0.4 0.6 0.8 1.0 1.2 7.0 7.2 7.4 7.6 7.8 8.0 Ta = 25°C VCC = 3.3 V RL = 10 kΩ IF = 20 mA Detection position d = 7.95 mm +1.25 −1.35 d Shutter Distance d (mm) TLP1033A(F) Detection position characteristic (1) (typ.) Distance d (mm) TLP1033A(F) Detection position characteristic (2) (typ.) 0 −0.4 0.2 0.4 0.6 0.8 1.0 1.2 −0.2 0 0.2 0.4 0.6 0.8 Ta = 25°C VCC = 3.3 V RL = 10 kΩ IF = 20 mA Detection position d = 0 ± 0.3 mm 0 + − d Shutter 0 8.2 0.2 0.4 0.6 0.8 1.0 1.2 7.0 7.2 7.4 7.6 7.8 8.0 Ta = 25°C VCC = 3.3 V RL = 10 kΩ IF = 20 mA Detection position d = 7.95 mm +1.25 −1.35 d Shutter |
Número de pieza similar - TLP1032F |
|
Descripción similar - TLP1032F |